Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW60C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCW60C
Description  NPN Silicon AF Transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW60C Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCW60C Datasheet HTML 1Page - Infineon Technologies AG BCW60C Datasheet HTML 2Page - Infineon Technologies AG BCW60C Datasheet HTML 3Page - Infineon Technologies AG BCW60C Datasheet HTML 4Page - Infineon Technologies AG BCW60C Datasheet HTML 5Page - Infineon Technologies AG BCW60C Datasheet HTML 6Page - Infineon Technologies AG BCW60C Datasheet HTML 7Page - Infineon Technologies AG BCW60C Datasheet HTML 8Page - Infineon Technologies AG BCW60C Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BCW60, BCX70
3
Jan-29-2002
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Collector cutoff current
VCB = 32 V, IE = 0
VCB = 45 V, IE = 0
BCW60 /60FF
BCX70
ICBO
-
-
-
-
20
20
nA
Collector cutoff current
VCB = 32 V, IE = 0 , TA = 150 °C
VCB = 45 V, IE = 0 , TA = 150 °C
BCW60 / 60FF
BCX70
ICBO
-
-
-
-
20
20
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
20
nA
DC current gain 1)
IC = 10 µA, VCE = 5 V
hFE-grp. A/ G
hFE-grp. B/ H
hFE-grp. C/ J/ FF
hFE-grp. D/ K/ FN
hFE
20
20
40
100
140
200
300
460
-
-
-
-
-
DC current gain 1)
IC = 2 mA, VCE = 5 V
hFE-grp. A/ G
hFE-grp. B/ H
hFE-grp. C/ J/ FF
hFE-grp. D/ K/ FN
hFE
120
180
250
380
170
250
350
500
220
310
460
630
DC current gain 1)
IC = 50 mA, VCE = 1 V
hFE-grp. A/ G
hFE-grp. B/ H
hFE-grp. C/ J/ FF
hFE-grp. D/ K/ FN
hFE
50
70
90
100
-
-
-
-
-
-
-
-
1) Pulse test: t
≤=300µs, D = 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com