Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ACTQ02 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ02
Description  Quad 2-Input NOR Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ02 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ02 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ02 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ02 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ02 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ02 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACTQ02
Quad 2-Input NOR Gate
General Description
The ’ACTQ02 contains four, 2-input NOR gates.
The ’ACTQ utilize NSC Quiet Series technology to guaran-
tee quiet output switching and improved dynamic threshold
performance. FACT Quiet Series® features GTO® output
control and undershoot corrector in addition to a split ground
bus for superior ACMOS performance.
Features
n ICC reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n Minimum 4 kV ESD protection
n Outputs source/sink 24 mA
n ’ACTQ02 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD) 5962-9218101
Logic Symbol
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
Connection Diagrams
GTO™ is a trademark of National Semiconductor Corporation.
FACT™and FACT Quiet Series™ are trademarks of Fairchild Semiconductor Corporation.
IEEE/IEC
DS010889-1
Pin Assignment
for DIP and Flatpak
DS010889-2
Pin Assignment
for LCC
DS010889-3
September 1998
© 1998 National Semiconductor Corporation
DS010889
www.national.com


Similar Part No. - 54ACTQ02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ04 NSC-54ACTQ04 Datasheet
106Kb / 5P
Quiet Series Hex Inverter
54ACTQ04D NSC-54ACTQ04D Datasheet
106Kb / 5P
Quiet Series Hex Inverter
54ACTQ04F NSC-54ACTQ04F Datasheet
106Kb / 5P
Quiet Series Hex Inverter
54ACTQ04L NSC-54ACTQ04L Datasheet
106Kb / 5P
Quiet Series Hex Inverter
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
Quiet Series Quad 2-Input AND Gate
More results

Similar Description - 54ACTQ02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com