Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX69 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCX69
Description  PNP Silicon AF Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX69 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCX69 Datasheet HTML 1Page - Infineon Technologies AG BCX69 Datasheet HTML 2Page - Infineon Technologies AG BCX69 Datasheet HTML 3Page - Infineon Technologies AG BCX69 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCX69
2
Jul-23-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Collector-emitter breakdown voltage
IC = 30 mA, IB = 0
V(BR)CEO
20
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IB = 0
V(BR)CBO
25
-
-
Emitter-base breakdown voltage
IE = 1 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 25 V, IE = 0
ICBO
-
-
100
nA
Collector cutoff current
VCB = 25 V, IE = 0 , TA = 150 °C
ICBO
-
-
100
µA
DC current gain 1)
IC = 5 mA, VCE = 10 V
hFE
50
-
-
-
DC current gain 1)
IC = 500 mA, VCE = 1 V
BCX69
BCX69-10
BCX69-16
BCX69-25
hFE
85
85
100
160
-
100
160
250
375
160
250
375
DC current gain 1)
IC = 1 A, VCE = 1 V
hFE
60
-
-
Collector-emitter saturation voltage1)
IC = 1 A, IB = 100 mA
VCEsat
-
-
0.5
V
Base-emitter voltage 1)
IC = 5 mA, VCE = 10 V
IC = 1 A, VCE = 1 V
VBE(ON)
-
-
0.6
-
-
1
AC Characteristics
Transition frequency
IC = 100 mA, VCE = 5 V, f = 20 MHz
fT
-
100
-
MHz
1) Pulse test: t
≤=300µs, D = 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com