Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX53 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCX53
Description  PNP Silicon AF Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX53 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCX53 Datasheet HTML 1Page - Infineon Technologies AG BCX53 Datasheet HTML 2Page - Infineon Technologies AG BCX53 Datasheet HTML 3Page - Infineon Technologies AG BCX53 Datasheet HTML 4Page - Infineon Technologies AG BCX53 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCX51...BCX53
Feb-10-2004
2
Maximum Ratings
Parameter
Symbol
BCX51
BCX52
BCX53 Unit
Collector-emitter voltage
VCEO
45
60
80
V
Collector-base voltage
VCBO
45
60
100
Emitter-base voltage
VEBO
5
5
5
DC collector current
IC
1
A
1.5
Peak collector current
ICM
Base current
IB
mA
100
IBM
200
Peak base current
W
Ptot
Total power dissipation
, TS = 130 °C
1
Junction temperature
150
°C
Tj
Tstg
-65 ... 150
Storage temperature
Thermal Resistance
Junction - soldering point1)
RthJS
≤20
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com