Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDP952 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BDP952
Description  PNP Silicon AF Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BDP952 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BDP952 Datasheet HTML 1Page - Infineon Technologies AG BDP952 Datasheet HTML 2Page - Infineon Technologies AG BDP952 Datasheet HTML 3Page - Infineon Technologies AG BDP952 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDP952...BDP956
3
Jul-06-2001
Total power dissipation
Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
0.4
0.8
1.2
1.6
2
2.4
W
3.2
Permissible Pulse Load
RthJS = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-2
10
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
DC current gain
hFE = f (IC)
VCE = 2V
10
0
10
1
10
2
10
3
10
4
mA
IC
1
10
2
10
3
10
-
-50°C
25°C
100°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com