Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVB-USB5734 Datasheet(PDF) 13 Page - Microchip Technology

Part # EVB-USB5734
Description  EVB-USB5734 Evaluation Board User?셲 Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-USB5734 Datasheet(HTML) 13 Page - Microchip Technology

Back Button EVB-USB5734 Datasheet HTML 9Page - Microchip Technology EVB-USB5734 Datasheet HTML 10Page - Microchip Technology EVB-USB5734 Datasheet HTML 11Page - Microchip Technology EVB-USB5734 Datasheet HTML 12Page - Microchip Technology EVB-USB5734 Datasheet HTML 13Page - Microchip Technology EVB-USB5734 Datasheet HTML 14Page - Microchip Technology EVB-USB5734 Datasheet HTML 15Page - Microchip Technology EVB-USB5734 Datasheet HTML 16Page - Microchip Technology EVB-USB5734 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
EVB-USB5734
EVALUATION BOARD
USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002350B-page 13
Chapter 2. Board Details & Configuration
The Microchip EVB-USB5734 is designed for flexible configuration solutions. It can be
configured via default internal register settings, downloadable external firmware to an
on-board SPI Flash, through SMBus, or through the on-board configuration switches.
When configured with the default internal register settings, the device operates as a
USB 3.0/2.0 hub with four battery charge enabled USB ports and Microchip’s standard
VID/PID/DID settings.
This chapter describes details on the EVB-USB5734 Power, Clock and Configuration.
FIGURE 2-1:
INITIAL CONFIGURATION
2.1
POWER SOURCE - SELF-POWERED
The EVB-USB5734 only supports self-powered operation, and is powered through one
+12.0V regulated external power supply. The power supply plugs into the 2.5mm con-
nector J9 on the board. Alternatively, an external voltage can be injected onto the J6
Ext. 12V header, which is not populated by default. The +12.0V feeds a 6A regulator
which outputs +5.25V across the board. This +5.25V output supplies the +3.3V and
+1.2V on-board regulators and VBUS for the DFPs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com