Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9805 Datasheet(PDF) 21 Page - Microchip Technology

Part # HV9805
Description  Off-Line LED Driver with True DC Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9805 Datasheet(HTML) 21 Page - Microchip Technology

Back Button HV9805 Datasheet HTML 17Page - Microchip Technology HV9805 Datasheet HTML 18Page - Microchip Technology HV9805 Datasheet HTML 19Page - Microchip Technology HV9805 Datasheet HTML 20Page - Microchip Technology HV9805 Datasheet HTML 21Page - Microchip Technology HV9805 Datasheet HTML 22Page - Microchip Technology HV9805 Datasheet HTML 23Page - Microchip Technology HV9805 Datasheet HTML 24Page - Microchip Technology HV9805 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005374A-page 21
HV9805
The average value of a triangular-shaped current is by
nature half the peak amplitude. A low-pass filter and a
bridge rectifier shape the triangular boost inductor
current into a more or less ripple-free line current, with
an amplitude which is equal to half of the peak inductor
current.
Whereas the on-time period is constant, the off-time
period changes throughout the line cycle, with the
off-time becoming longer as the line voltage increases
toward the bus voltage. Accordingly, the switching
frequency varies over the line cycle, being lowest at
peak line voltage and highest near the zero crossing of
the line voltage.
4.11.1
VALLEY SWITCHING
The
driver
incorporates
valley
switching
(quasi-resonant switching), a technique for reducing
switching loss at the turn-on event of the boost FET.
Valley switching adds a third part to the basic boost
inductor waveform where the drain voltage is allowed
to swing down towards ground, as shown in Figure 4-3.
FIGURE 4-3:
Valley Switching Waveform Diagram.
Negative
Polarity Strobe
Valley Strobe
Boost
Inductor
Current
Drain
Voltage
1.25V
Current Sense
Amplifier Output
1.25V
1.25V
RCSA
RLBS
AB
C
RCSA
RCSA
RCSA
Current
Sense
Amplifier
Polarity
Detector
Valley
Strobe
Generator
IBST
IBST
VDRN
X
YZ
X
Y
Z
VREC
S
HV9805
~625 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com