Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE913 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE913 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE913_15 Datasheet HTML 9Page - Texas Instruments CDCE913_15 Datasheet HTML 10Page - Texas Instruments CDCE913_15 Datasheet HTML 11Page - Texas Instruments CDCE913_15 Datasheet HTML 12Page - Texas Instruments CDCE913_15 Datasheet HTML 13Page - Texas Instruments CDCE913_15 Datasheet HTML 14Page - Texas Instruments CDCE913_15 Datasheet HTML 15Page - Texas Instruments CDCE913_15 Datasheet HTML 16Page - Texas Instruments CDCE913_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
R
P
SDA
SCL
Master
Slave
CDCE913
CDCEL913
C
BUS
C
BUS
R
P
CDCE913, CDCEL913
www.ti.com
SCAS849F – JUNE 2007 – REVISED APRIL 2015
8.3.4 Data Protocol
The device supports Byte Write and Byte Read and Block Write and Block Read operations.
For Byte Write/Read operations, the system controller can individually access addressed bytes.
For Block Write/Read operations, the bytes are accessed in sequential order from lowest to highest byte (with
most-significant bit first) with the ability to stop after any complete byte has been transferred. The numbers of
bytes read out are defined by Byte Count in the generic configuration register. At the Block Read instruction, all
bytes defined in Byte Count must be read out to finish the read cycle correctly.
Once a byte has been sent, it is written into the internal register and is effective immediately. This applies to
each transferred byte, regardless of whether this is a Byte Write or a Block Write sequence.
If the EEPROM write cycle is initiated, the internal SDA registers are written into the EEPROM. During this write
cycle, data is not accepted at the SDA/SCL bus until the write cycle is completed. However, data can be read out
during the programming sequence (Byte Read or Block Read). The programming status can be monitored by
EEPIP, byte 01h–bit 6.
The offset of the indexed byte is encoded in the command code, as described in Table 7.
Table 7. Slave Receiver Address (7 Bits)
DEVICE
A6
A5
A4
A3
A2
A1(1)
A0(1)
R/W
CDCE913/CDCEL913
1
1
0
0
1
0
1
1/0
CDCE925/CDCEL925
1
1
0
0
1
0
0
1/0
CDCE937/CDCEL937
1
1
0
1
1
0
1
1/0
CDCE949/CDCEL949
1
1
0
1
1
0
0
1/0
(1)
Address bits A0 and A1 are programmable through the SDA/SCL bus (byte 01, bits [1:0]. This allows addressing up to 4 devices
connected to the same SDA/SCL bus. The least-significant bit of the address byte designates a write or read operation.
8.4 Device Functional Modes
8.4.1 SDA/SCL Hardware Interface
Figure 7 shows how the CDCE913/CDCEL913 clock synthesizer is connected to the SDA/SCL serial interface
bus. Multiple devices can be connected to the bus, but it may be necessary to reduce the speed (400 kHz is the
maximum) if many devices are connected.
Note that the pullup resistors (RP) depend on the supply voltage, bus capacitance, and number of connected
devices. The recommended pullup value is 4.7 k
Ω. It must meet the minimum sink current of 3 mA at
VOLmax = 0.4 V for the output stages (for more details see the SMBus or I
2C Bus specification).
Figure 7. SDA / SCL Hardware Interface
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com