Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 11 Page - Texas Instruments

Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCLVC1310_14 Datasheet HTML 7Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 8Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 9Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 10Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 11Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 12Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 13Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 14Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
VDD
VDD
Z = 50
o
W
Z = 50
o
W
R = 100 W
LVD
output
x_INP
x_INN
VDD
VDD
Z = 50
o
W
Z = 50
o
W
R = 50 W
R = 50 W
HCSL
output
R = 33 W
R = 33 W
x_INP
x_INN
VDD
VDD
Z = 50
o
W
Z = 50
o
W
R = 50 W
R = 50 W
LVPECL
output
R = 50 W
x_INP
x_INN
CDCLVC1310
www.ti.com
SCAS917E – JULY 2011 – REVISED JANUARY 2014
Figure 5. LVPECL Input Configuration During Device Test
Figure 6. HCSL Input Configuration During Device Test
Figure 7. LVDS Input Configuration During Device Test
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com