Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF2310 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310
Description  High-Performance Clock Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCVF2310 Datasheet HTML 9Page - Texas Instruments CDCVF2310 Datasheet HTML 10Page - Texas Instruments CDCVF2310 Datasheet HTML 11Page - Texas Instruments CDCVF2310 Datasheet HTML 12Page - Texas Instruments CDCVF2310 Datasheet HTML 13Page - Texas Instruments CDCVF2310 Datasheet HTML 14Page - Texas Instruments CDCVF2310 Datasheet HTML 15Page - Texas Instruments CDCVF2310 Datasheet HTML 16Page - Texas Instruments CDCVF2310 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CLK
G
N
Y
N
CDCVF2310
www.ti.com
SCAS666D – JUNE 2001 – REVISED OCTOBER 2015
Typical Application (continued)
9.2.3 Application Curves
Figure 9. CDCVF2310 Output Phase Noise 169.6 fs
Figure 8. CDCVF2310 Output Phase Noise 89.1 fs
(12kHz to 5MHz), Reference Phase Noise 161.5 fs,
(12 kHz to 20 MHz), Reference Phase Noise 76.9 fs, Output
Frequency 30.72 MHz
Frequency 125 MHz
The low-additive jitter of the CDCVF2310 can be seen in the previous application plots. The low-noise, 125-MHz
input source drives the CDCVF2310, resulting in 45-fs RMS additive jitter when integrated from 12 kHz to 20
MHz for this configuration. The low-noise 30.72-MHz input source drives the CDCVF2310, resulting in 52-fs RMS
additive jitter when integrated from 12 kHz to 5 MHz for this configuration.
Figure 10. CDCVF2310 Configured as Gate Function for Output Clock
The CDCVF2310 can be configured to generate a gated clock using the GN Please refer to Output Enable Glitch
Suppression Circuit for required timings.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CDCVF2310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com