Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP08SC-1HT Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SL23EP08SC-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08SC-1HT Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SL23EP08SC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 12Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 13Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 14Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 15Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Rev 1.0, May 18, 2006
Page 13 of 15
SL23EP08
Package Drawing and Dimensions
16-Lead TSSOP (4.4mm)
0.190(0.007)
0.300(0.012)
0.090(0.003)
0.200(0.008)
8
9
6.250(0.246)
6.500(0.256)
4.300(0.169)
4.500(0.177)
2.900(0.114)
3.100(0.122)
0.850(0.033)
0.950(0.037)
0.050(0.002)
0.150(0.006)
1.100(0.043) MAX
0.076(0.003)
0 to 8°
0.500(0.020)
0.700(0.027)
0.650(0.025)
BSC
Gauge
Plane
Dimensions are in milimeters(inches).
Top line: (MIN) and Bottom line: (Max)
Pin-1 ID
Seating Plane
1
16
0.650(0.025)
BSC
Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Thermal Resistance
Junction to Ambient
θ JA
Still air
-
80
-
°C/W
θ JA
1m/s air flow
-
70
-
°C/W
θ JA
3m/s air flow
-
68
-
°C/W
Thermal Resistance
Junction to Case
θ JC
Independent of air flow
-
36
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com