Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP09SI-1HT Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SL23EP09SI-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09SI-1HT Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SL23EP09SI-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 12Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 13Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Rev 2.0, May 12, 2008
Page 13 of 14
SL23EP09
Package Drawing and Dimensions (Cont.)
8
0.150(3.810)
0.157(3.987
0.230(5.842)
0.244(6.197)
0.189(4.800)
0.196(4.978)
0.050(1.270)
BSC
0.004(0.102)
Seating plane
0.004(0.102)
0.0098(0.249)
0.061(1.549)
0.068(1.727)
0° to 8°
0.010(0.2540)
0.016(0.406)
X 45°
0.016(0.406)
0.035(0.889)
0.0075(0.190)
0.0098(0.249)
Pin-1 ID
Dimensions are in milimeters(inches).
Top line: (MIN) and Bottom line: (Max)
16-Lead SOIC (150 Mil)
1
9
16
0.0138(0.350)
0.0192(0.487)
**Dimensions are in inches (millimeters)
Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Thermal Resistance
Junction to Ambient
θ JA
Still air
-
80
-
°C/W
θ JA
1m/s air flow
-
74
-
°C/W
θ JA
3m/s air flow
-
71
-
°C/W
Thermal Resistance
Junction to Case
θ JC
Independent of air flow
-
44
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com