Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP09NZ Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL23EP09NZ
Description  Low Jitter and Skew DC to 220 MHz Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09NZ Datasheet(HTML) 2 Page - Silicon Laboratories

  SL23EP09NZ Datasheet HTML 1Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 2Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 3Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 4Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 5Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 6Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 7Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 8Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev 2.2, May 6, 2008
Page 2 of 11
SL23EP09NZ
Pin Configuration
OUTPUT9
CLKIN
OUTPUT1
OUTPUT2
VDD
GND
OUTPUT3
OUTPUT4
VDD
OUTPUT8
OUTPUT7
VDD
GND
OUTPUT6
OUTPUT5
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16-Pin SOIC
Pin Description
Pin
Number
Pin Name
Pin Type
Pin Description
1
CLKIN
Input
Input Reference Clock
2
OUTPUT1
Output
Buffered Clock Output-1
3
OUTPUT2
Output
Buffered Clock Output-2
4
VDD
Power
3.3V +/-10% Power Supply
5
GND
Power
Power Ground
6
OUTPUT3
Output
Buffered Clock Output-3
7
OUTPUT4
Output
Buffered Clock Output-4
8
VDD
Power
3.3V and 2.5V +/-10% Power Supply
9
GND
Power
Power Ground
10
OUTPUT5
Output
Buffered Clock Output-5
11
OUTPUT6
Output
Buffered Clock Output-6
12
GND
Power
Power Ground
13
VDD
Power
3.3V and 2.5V +/-10% Power Supply
14
OUTPUT7
Output
Buffered Clock Output-7
15
OUTPUT8
Output
Buffered Clock Output-8
16
OUTPUT9
Output
Buffered Clock Output-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com