Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ACTQ14 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ14
Description  Quiet Series Hex Inverter with Schmitt Trigger Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ14 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ14 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54ACTQ14
Quiet Series Hex Inverter with Schmitt Trigger Input
General Description
The ’ACTQ14 contains six inverter gates each with a Schmitt
trigger input. They are capable of transforming slowly chang-
ing input signals into sharply defined, jitter-free output sig-
nals. In addition, they have a greater noise margin than con-
ventional inverters.
The ’ACTQ14 utilizes NSC Quiet Series Technology to guar-
antee quiet output switching and improve dynamic threshold
performance. FACT Quiet Series® features GTO® output
control and undershoot corrector in addition to a split ground
bus for superior performance.
The ’ACTQ14 has hysteresis between the positive-going and
negative-going input thresholds (typically 1.0V) which is de-
termined internally by transistor ratios and is essentially in-
sensitive to temperature and supply voltage variations.
Features
n ICC reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n 4 kV minimum ESD performance
n Outputs source/sink 24 mA
n Standard Microcircuit Drawing (SMD) 5962-92183
Logic Symbol
Function Table
Input
Output
AO
LH
HL
Pin Names
Description
I
n
Inputs
O
n
Outputs
Connection Diagrams
GTO™ is a trademark of National Semiconductor Corporation.
FACT Quiet Series™ is a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS010911-3
Pin Assignment
for DIP and Flatpak
DS010911-4
Pin Assignment
for LCC
DS010911-5
September 1998
© 1998 National Semiconductor Corporation
DS010911
www.national.com


Similar Part No. - 54ACTQ14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ10 NSC-54ACTQ10 Datasheet
106Kb / 5P
Quiet Series Triple 3-Input NAND Gate
54ACTQ10D NSC-54ACTQ10D Datasheet
106Kb / 5P
Quiet Series Triple 3-Input NAND Gate
54ACTQ10F NSC-54ACTQ10F Datasheet
106Kb / 5P
Quiet Series Triple 3-Input NAND Gate
54ACTQ10L NSC-54ACTQ10L Datasheet
106Kb / 5P
Quiet Series Triple 3-Input NAND Gate
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ACTQ14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
Hex Inverter with Schmitt Trigger Input
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
Quiet Series Hex Inverter with Schmitt Trigger Input
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
Low Voltage Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
Hex Inverter with Schmitt Trigger Input
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
Hex Inverter with Schmitt Trigger Input
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
54AC14 Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com