Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMM90PS13 Datasheet(PDF) 2 Page - XP Power Limited

Part # AMM90PS13
Description  Worldwide Medical Approvals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMM90PS13 Datasheet(HTML) 2 Page - XP Power Limited

  AMM90PS13 Datasheet HTML 1Page - XP Power Limited AMM90PS13 Datasheet HTML 2Page - XP Power Limited AMM90PS13 Datasheet HTML 3Page - XP Power Limited AMM90PS13 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMM90
Models and Ratings
Output
Power
Output
Voltage
Output
Current
Total
Regulation(2)
Model
Number(3, 4)
60 W
5.0 V
12.00 A
5%
AMM90PS05(5)
60 W
6.0 V
10.00 A
5%
AMM90PS06(5)
70 W
9.0 V
7.78 A
5%
AMM90PS09(5)
80 W
12.0 V
6.67 A
5%
AMM90PS12
85 W
13.5 V
6.30 A
5%
AMM90PS13
85 W
15.0 V
5.67 A
5%
AMM90PS15
90 W
18.0 V
5.00 A
5%
AMM90PS18
90 W
19.0 V
4.74 A
5%
AMM90PS19
90 W
24.0 V
3.75 A
5%
AMM90PS24
90 W
30.0 V
3.00 A
5%
AMM90PS30
90 W
48.0 V
1.87 A
5%
AMM90PS48
3.00 (76.2)
5.12
(130.0)
Cable length approx 48” (1219mm)
1.72
(43.7)
Rubber foot
(4 places.)
AC Input
1
3
4
2
IEC 320-C14 Inlet - For Class I version
IEC 320-C18 Inlet - For Class II version
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum,
except output cable length.
2. Weight: 1.46 lb (660 g).
3. Maximum load per pin on output connector is 7.5 A.
4. Output connector for AMM90PS05 and PS06 is 5 pin 180° DIN.
5. Output connector for AMM90PS09-PS13 is 4 Pin DC Power Plug non locking
type. For mating half, use KYCON KPJ-4S-S or equivalent.
6. Output connector for AMM90PS15-PS48 is 4 Pin DC Power Plug locking type.
For mating half, use KYCON KPJ-4S-S or equivalent.
7. For Class I versions shell is connected to ground. For Class II versions shell is
capacitively coupled to input.
8. For European mains lead order part: EU-MAINS-IEC
9. For UK mains lead order part: UK-MAINS-IEC
10. For US mains lead order part: US-MAINS-IEC
11. Mains lead length is 76“ (1930 mm) approx
Mechanical Details
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 10 µF tantalum and 0.1
µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
3. For class II versions, add ‘ C2’ to model number e.g. AMM90PS24C2.
4. For optional Barrel Jack Connector, add ‘ B1’ to model number e.g.
AMM90PS24C2B1 (not available on 5 V or 6 V models).
5. Not CEC2008 or EISA2007 compliant.
Optional Barrel Jack Connector
0.433 (11.0)
0.083 (2.1)
0.413
(10.5)
0.217
(5.5)
Notes
PIN CONNECTIONS
PS09 - PS48
Pin
Function
1
Return
2
Output+
3
Return
4
Output+
PIN CONNECTIONS
PS05 - PS06
Pin
Function
1
Return
2
Return
3
Output+
4
Return
5
Output+
1
3
4
2
3
1
4
2
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com