Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP520 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFP520
Description  NPN Silicon RF Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFP520 Datasheet HTML 1Page - Infineon Technologies AG BFP520 Datasheet HTML 2Page - Infineon Technologies AG BFP520 Datasheet HTML 3Page - Infineon Technologies AG BFP520 Datasheet HTML 4Page - Infineon Technologies AG BFP520 Datasheet HTML 5Page - Infineon Technologies AG BFP520 Datasheet HTML 6Page - Infineon Technologies AG BFP520 Datasheet HTML 7Page - Infineon Technologies AG BFP520 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BFP520
SIEGET45
Sep-26-2001
3
Common Emitter S-Parameters
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VCE = 2 V, /C = 20 mA
0.01
0.1
0.5
1
2
3
4
5
6
0.7244
0.7251
0.6368
0.4768
0.2816
0.2251
0.2552
0.3207
0.3675
-0.7
-8.4
-40.7
-73.6
-123.8
-166.1
156.2
133.6
118.7
32.273
31.637
27.293
19.601
11.021
7.481
5.636
4.488
3.683
178.6
171.4
140.7
113.5
84.9
67.6
53.1
39.7
27.5
0.0007
0.0041
0.0194
0.0351
0.0057
0.0788
0.0994
0.1177
0.1343
69.4
92.8
75.9
66.5
56.3
49.2
41.5
32.9
24.7
0.9052
0.9363
0.8523
0.6496
0.3818
0.2407
0.1544
0.0951
0.0545
1.2
-4.4
-26.7
-46.1
-64.6
-73.6
-95.3
-128.9
177.6
Common Emitter Noise Parameters
f
Fmin 1)
Ga 1)
Γ
opt
RN
rn
F502)
|S21|2 2)
GHz
dB
dB
MAG
ANG

-
dB
dB
VCE = 2 V, IC = 2 mA
0.9
1.8
2.4
3
4
5
6
0.72
0.95
1.07
1.31
1.35
1.71
1.95
21.5
20.1
16.1
14.5
11.6
9.5
8.1
0.64
0.49
0.45
0.41
0.26
0.14
0.12
14
30
41
54
82
128
151
21.5
19.1
18.1
16.5
12.5
9.1
8.1
0.43
0.38
0.36
0.33
0.25
0.18
0.16
1.75
1.55
1.61
1.71
1.61
1.85
1.95
16.11
15.14
14.07
13.13
11.49
9.87
8.28
VCE = 2 V, IC = 5 mA
0.9
1.8
2.4
3
4
5
6
0.89
1.08
1.12
1.32
1.35
1.61
1.81
22.1
20.5
18.1
16.2
13.5
11.5
10.5
0.49
0.38
0.34
0.29
0.16
0.08
0.07
12
22
33
45
71
120
150
16.1
14.1
14.1
13.5
11.1
10.1
8.1
0.32
0.28
0.28
0.27
0.22
0.21
0.16
1.51
1.38
1.41
1.51
1.45
1.65
1.81
21.94
19.34
17.54
16.01
13.82
11.93
10.23
1) Input matched for minimum noise figure, output for maximum gain
2)ZS = ZL = 50
For more and detailed S- and Noise-parameters please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon Technologies Application Notes CD-ROM or see Internet:
http://www.infineon.com/silicondiscretes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com