Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP520F Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFP520F
Description  NPN Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520F Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFP520F Datasheet HTML 1Page - Infineon Technologies AG BFP520F Datasheet HTML 2Page - Infineon Technologies AG BFP520F Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIEGET45 BFP520F
Dec-07-2001
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO 2.5
3
3.5
V
Collector-base cutoff current
VCB = 5 V, IE = 0
ICBO
-
-
200
nA
Emitter-base cutoff current
VEB = 1 V, IC = 0
IEBO
-
-
35
µA
DC current gain
IC = 20 mA, VCE = 2 V
hFE
70
110
200
-
AC characteristics (verified by random sampling)
Transition frequency
IC = 30 mA, VCE = 2 V, f = 2 GHz
fT
-
45
-
GHz
Collector-base capacitance
VCB = 2 V, f = 1 MHz
Ccb
-
0.07
-
pF
Collector-emitter capacitance
VCE = 2 V, f = 1 MHz
Cce
-
0.25
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
0.31
-
Noise figure
IC = 2 mA, VCE = 2 V, ZS = ZSopt ,
f
= 1.8 GHz
F
-
0.95
-
dB
Power gain, maximum stable 1)
IC = 20 mA, VCE = 2 V, ZS = ZSopt, ZL = ZLopt ,
f
= 1.8 GHz
Gms
-
23
-
Insertion power gain
IC = 20 mA, VCE = 2 V, f = 1.8 GHz,
ZS = ZL = 50
|S21|2
-
20.5
-
dB
Third order intercept point at output2)
VCE = 2 V, f = 1.8 GHz, ZS=ZL=50,
IC = 20 mA
IP3
-
23.5
-
dBm
1dB compression point3)
VCE = 2 V, f = 1.8 GHz, ZS=ZL=50,
IC = 20 mA
P-1dB
-
10.5
-
1Gms = |S21 / S12|
2IP3 value depends on termination of all intermodulation frequency components. Termination used for this
measurement is 50
 from 0.1MHz to 6GHz.
3DC current at no input power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com