Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP620F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP620F
Description  NPN Silicon Germanium RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP620F Datasheet(HTML) 6 Page - Infineon Technologies AG

  BFP620F Datasheet HTML 1Page - Infineon Technologies AG BFP620F Datasheet HTML 2Page - Infineon Technologies AG BFP620F Datasheet HTML 3Page - Infineon Technologies AG BFP620F Datasheet HTML 4Page - Infineon Technologies AG BFP620F Datasheet HTML 5Page - Infineon Technologies AG BFP620F Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BFP620F
Apr-21-2004
6
Transition frequency fT= ƒ(IC)
f = 1GHz
VCE = Parameter in V
0
10
20
30
40
50
60
70
80 mA 100
IC
0
5
10
15
20
25
30
35
40
45
50
55
60
GHz
70
1 to 2.3
0.8
0.5
0.3
Power gain Gma, Gms = ƒ(IC)
VCE = 1.5V
f = Parameter in GHz
0
10
20
30
40
50
60
70 mA
90
IC
6
8
10
12
14
16
18
20
22
24
26
dB
30
0.9
1.8
2.4
3
4
5
6
Power Gain Gma, Gms = ƒ(f),
|S21|² = f (f)
VCE = 1.5V, IC = 50mA
0
1
2
3
4
GHz
6
f
5
10
15
20
25
30
35
40
dB
50
Gms
Gma
|S21|²
Power gain Gma, Gms = ƒ (VCE)
IC = 50mA
f = Parameter in GHz
0.2
0.6
1
1.4
1.8
V
2.6
VCE
-4
0
4
8
12
16
20
24
dB
30
0.9
1.8
2.4
3
4
5
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com