Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3091EDE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3091EDE
Description  ??6V, 1.5A Negative Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3091EDE Datasheet(HTML) 2 Page - Linear Technology

  LT3091EDE Datasheet HTML 1Page - Linear Technology LT3091EDE Datasheet HTML 2Page - Linear Technology LT3091EDE Datasheet HTML 3Page - Linear Technology LT3091EDE Datasheet HTML 4Page - Linear Technology LT3091EDE Datasheet HTML 5Page - Linear Technology LT3091EDE Datasheet HTML 6Page - Linear Technology LT3091EDE Datasheet HTML 7Page - Linear Technology LT3091EDE Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2276af
DEMO MANUAL DC2276A
performance summary Specifications are at T
A = 25°C
CONDITIONS
IOUT
VIN (V)
VOUT (V)
MIN*
TYP
MAX
MIN
TYP
MAX
Shunt at –1.25V for JP1
–10mA
–36.0
–1.55
–1.30
–1.25
–1.20
–1.5A
–2.75
–1.55
–1.30
–1.25
–1.20
Shunt at –2.5V for JP1
–10mA
–36.0
–2.80
–2.6
–2.5
–2.4
–1.5A
–4.0
–2.80
–2.6
–2.5
–2.4
Shunt at –5.0V for JP1
–10mA
–36.0
–5.30
–5.2
–5.0
–4.8
–1.5A
–6.50
–5.30
–5.2
–5.0
–4.8
Shunt at –12V for JP1
–10mA
–36.0
–12.3
–12.5
–12.0
–11.5
–1.5A
–13.5
–12.3
–12.5
–12.0
–11.5
Shunt at –15V for JP1
–10mA
–36.0
–15.3
–15.6
–15.0
–14.4
–1.5A
–16.5
–15.3
–15.6
–15.0
–14.4
* The minimum input voltage for –1.5A load current is set by the 50°C temperature rise of LT3091 on the demo circuit without forced-air cooling. Lower
input voltage can be reached if larger copper area or forced-air cooling is applied. The output current is also limited by the differential voltage of input
and output voltage, please refer the data sheet for details.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com