Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677EY Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4677EY
Description  Dual 18A or Single 36A 關Module Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677EY Datasheet(HTML) 2 Page - Linear Technology

  LTM4677EY Datasheet HTML 1Page - Linear Technology LTM4677EY Datasheet HTML 2Page - Linear Technology LTM4677EY Datasheet HTML 3Page - Linear Technology LTM4677EY Datasheet HTML 4Page - Linear Technology LTM4677EY Datasheet HTML 5Page - Linear Technology LTM4677EY Datasheet HTML 6Page - Linear Technology LTM4677EY Datasheet HTML 7Page - Linear Technology LTM4677EY Datasheet HTML 8Page - Linear Technology LTM4677EY Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
dc2066af
DEMO MANUAL DC2066A
Quick start proceDure
Table 2. LTM4677 Demo Boards for Up To 140A Point-of-Load Regulation
MAXIMUM OUTPUT CURRENT
NUMBER OF OUTPUTS
NUMBER OF LTM4676
µMODULE REGULATORS ON THE BOARD
DEMO BOARD NUMBER
Dual 18A
2
1
DC2066A
70A
1
2
DC2143A-A
105A
1
3
DC2143A-B
140A
1
4
DC2143A-C
6. Once the proper output voltages are established, adjust
the loads within the operating range and observe the
output voltage regulation, ripple voltage and other
parameters.
7. Connect the dongle and control the output voltages
from the GUI. See “
LTpowerPlay GUI for the LTM4677
Quick Start Guide” for details.
Note: When measuring the output or input voltage ripple,
do not use the long ground lead on the oscilloscope probe.
See Figure 3 for the proper scope probe technique. Short,
stiff leads need to be soldered to the (+) and (–) terminals
of an output capacitor. The probe’s ground ring needs to
touch the (–) lead and the probe tip needs to touch the
(+) lead.
Demonstration circuit 2066A is easy to set up to evaluate
the performance of the LTM4677EY. Refer to Figure 2 for
the proper measurement equipment setup and follow the
procedure below.
1. With power off, connect the input power supply to VIN
(4.5V to 16V) and GND (input return).
2. Connect the 1.0V output load between VOUT0 and GND
(Initial load: no load).
3. Connect the 1.8V output load between VOUT1 and GND
(Initial load: no load).
4. Connect the DVMs to the input and outputs. Set default
jumper position: SW1: ON; SW2: ON.
5. Turn on the input power supply and check for the proper
output voltages. VOUT0 should be 1.0V ±1%, and VOUT1
should be 1.8V ±1%.
performance summary
Table 1. Performance Summary (TA = 25°C)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
4.5
16
V
Output Voltage, VOUT0
VIN = 4.5V to 16V, IOUT0 = 0A to 18A
0.5
1.8
V
Maximum Output Current, IOUT0
VIN = 4.5V to 16V, VOUT0 = 0.5V to 1.8V
18
A
Output Voltage, VOUT1
VIN = 4.5V to 16V, IOUT1 = 0A to 18A
0.5
1.8
V
Maximum Output Current, IOUT1
VIN = 4.5V to 16V, VOUT1 = 0.5V to 1.8V
18
A
Typical Efficiency
VIN = 12V, VOUT1 = 1.8V, IOUT1 = 18A
87.9
(See Figures 5 and 6)
%
Default Switching Frequency
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com