Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE75SCD Datasheet(PDF) 4 Page - SL Power Electronics

Part # LE75SCD
Description  75W Single Output LED Driver Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LE75SCD Datasheet(HTML) 4 Page - SL Power Electronics

  LE75SCD Datasheet HTML 1Page - SL Power Electronics LE75SCD Datasheet HTML 2Page - SL Power Electronics LE75SCD Datasheet HTML 3Page - SL Power Electronics LE75SCD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LE75S-CD
75W Single Output
LED Driver Series
www.slpower.com
LE75S-CD 15-April-13
4
Dimming Control
The dimming function shown below uses an internal pull-up resistor, with the output at full load when the dimming leads are not connected (floated).
Parameters:
Parameter
Min.
Typ.
Max.
Notes
10V Output Voltage
9.8V
10V
10.2V
10V Output Source Current
0mA
-
10mA
Absolute Max. Voltage on the 1-10V input
-2V
-
12V
Source Current on the 1-10V input
0mA
-
0.5mA
Value of Rin (resistor inside the LED Driver, which is located
between the 1-10V input and 10V output
19.8K
20K
20.2K
Dimming Configuration using External Voltage
Dimming Configuration using External Voltage
Dimming Configuration using External Resistance
Dimming Control Notes:
1. If the dimming function is not used, leave the dimming leads unconnected (floating).
2. Io is the actual output current and Ir is the rated current without dimming control.
3. For the driver to operate properly, the load voltage must be maintained above the minimum voltage threshold (~50% of the maximum output voltage for the specific
model).
4. If the output voltage is maintained above 50% of the maximum output voltage, the dimming control may be operated over the entire 1-10V range with the output current
varying from 100% down to ~10% of nominal.
5. The dimming signal may be <1V, but if this voltage is <1V, the output current can only maintain ~10% Ir. When the signal voltage is ~8.5-10V, the output current can
maintain ~100% Ir.
6. Do not connect the GND of the dimming leads to output. The driver will not function normally if it is.
Data Sheet © 2012 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
LE75SXXXCD
LE75SXXXCD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com