Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE150SVN Datasheet(PDF) 2 Page - SL Power Electronics

Part # LE150SVN
Description  150W Single Output LED Driver Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LE150SVN Datasheet(HTML) 2 Page - SL Power Electronics

  LE150SVN Datasheet HTML 1Page - SL Power Electronics LE150SVN Datasheet HTML 2Page - SL Power Electronics LE150SVN Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LE150S-VN
150W Single Output
LED Driver Series
www.slpower.com
LE150S-VN 15-APRIL-2013
2
General Specifications (continued)
Earth Leakage
Current
<1.0mA@277Vac, 50Hz
Short Circuit
Protection
Provided - no damage to unit, self-recovery.
Efficiency
See Models chart.
Overvoltage
Protection
Latch mode. AC input will need to be reset to
return to normal operation after an OVP
condition. See chart for trip range.
Output Power
150W continuous
Overtemperature
Protection
Latch mode. AC input will need to be reset to
return to normal operation after an OTP
condition. Trip Temperature = 110°C typical.
Ripple and Noise
See chart
Operating
Temperature
Operating:
-35°C to +70°C
Non-operating: -40°C to +85°C
Output Voltage
See chart
Relative Humidity
10% to 100% operating
5% to 100%, non-operating
Total Regulation
+/- 3%. See chart
Safety Standards
UL8750, UL935, UL1012, CSA-C22.2 No. 0, No.
107.1, & No. 250.0, EN61347-1, EN61347-2-13
Dimensions
W: 3.13” x L: 9.37” x H: 1.81”
MTBF
261,000 hours (110Vac input, 80% load, 25°C
ambient, per MIL-HDBK-217F).
Weight
1500g
Lifetime
78,000 hours (220Vac input, 80% load, 60°C
case temperature).
EMI/EMC Compliance
Emissions
EN55015, Radiated & Conducted
EMI for Lighting Equipment
EN61547
Static Discharge Immunity
EN61000-4-2, 4kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3
EFT/Burst Immunity
EN61000-4-4
Line Surge Immunity
EN61000-4-5, 4kV line-line, 6kV line-earth
Conducted RF Immunity
EN61000-4-6
Power Frequency Magnetic Field Immunity
EN61000-4-8
Voltage Dip Immunity
EN61000-4-11
Line Harmonic Emissions
EN61000-3-2
Flicker Test
EN61000-3-3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com