Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFS17S
Description  NPN Silicon RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS17S Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFS17S Datasheet HTML 1Page - Infineon Technologies AG BFS17S Datasheet HTML 2Page - Infineon Technologies AG BFS17S Datasheet HTML 3Page - Infineon Technologies AG BFS17S Datasheet HTML 4Page - Infineon Technologies AG BFS17S Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFS17S
Aug-20-2001
3
Electrical Characteristics
at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC characteristics
Transition frequency
IC = 2 mA, VCE = 5 V, f = 200 MHz
IC = 25 mA, VCE = 5 V, f = 200 MHz
fT
1
1.3
1.4
2.5
-
-
GHz
Collector-base capacitance
VCB = 5 V, f = 1 MHz
Ccb
-
0.55
0.8
pF
Collector-emitter capacitance
VCE = 5 V, f = 1 MHz
Cce
-
0.13
-
Input capacitance
VEB = 0.5 V, IC = 0 , f = 1 MHz
Cibo
-
1.45
-
Output capacitance
VCE = 5 V, VBE = 0 , f = 1 MHz
Cobs
-
-
1.5
Noise figure
IC = 2 mA, VCE = 5 V, f = 800 MHz,
ZS = 0 
F
-
3.5
5
dB
Transducer gain
IC = 20 mA, VCE = 5 V, ZS = ZL = 50 ,
f
= 500 MHz
|S21e|2
-
12,7
-
Linear output voltage
IC = 14 mA, VCE = 5 V, dim = 60 dB,
f1 = 806 MHz, f2 = 810 MHz, ZS = ZL = 50
V01=V02
-
100
-
mV
Third order intercept point
IC = 200 mA, VCE = 8 V, ZS=ZSopt , ZL=ZLopt ,
f
= 900 MHz
IP3
-
23
-
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com