Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS482 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFS482
Description  NPN Silicon RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS482 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFS482 Datasheet HTML 1Page - Infineon Technologies AG BFS482 Datasheet HTML 2Page - Infineon Technologies AG BFS482 Datasheet HTML 3Page - Infineon Technologies AG BFS482 Datasheet HTML 4Page - Infineon Technologies AG BFS482 Datasheet HTML 5Page - Infineon Technologies AG BFS482 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BFS482
5
Jun-27-2001
Collector-base capacitance Ccb = f (VCB)
f = 1MHz
0
4
8
12
16
V
24
VCB
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
pF
0.50
Transition frequency fT = f (IC)
VCE = Parameter
0
5
10
15
20
25
30
35
mA
45
IC
0.0
1.0
2.0
3.0
4.0
5.0
6.0
GHz
8.0
8V
5V
3V
2V
1V
0.7V
Power Gain Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
5
10
15
20
25
30
35
mA
45
IC
6
8
10
12
14
16
18
dB
22
10V
5V
3V
2V
1V
0.7V
Power Gain Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
5
10
15
20
25
30
35
mA
45
IC
0
2
4
6
8
10
dB
14
8V
5V
3V
2V
1V
0.7V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com