Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS483 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFS483
Description  NPN Silicon RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS483 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFS483 Datasheet HTML 1Page - Infineon Technologies AG BFS483 Datasheet HTML 2Page - Infineon Technologies AG BFS483 Datasheet HTML 3Page - Infineon Technologies AG BFS483 Datasheet HTML 4Page - Infineon Technologies AG BFS483 Datasheet HTML 5Page - Infineon Technologies AG BFS483 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BFS483
3
Jun-27-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC characteristics (verified by random sampling)
Transition frequency
IC = 25 mA, VCE = 8 V, f = 500 MHz
fT
6
8
-
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.4
0.6
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
-
0.13
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
1
-
Noise figure
IC = 5 mA, VCE = 8 V, ZS = ZSopt ,
f = 900 MHz
f = 1.8 GHz
F
-
-
1.2
2
-
-
dB
Power gain, maximum stable 1)
IC = 15 mA, VCE = 8 V, ZS = ZSopt, ZL = ZLopt ,
f = 900 MHz
Gms
-
19
-
Power gain, maximum available 2)
IC = 15 mA, VCE = 8 V, ZS = ZSopt, ZL = ZLopt ,
f = 1.8 GHz
Gma
-
12.5
-
Transducer gain
IC = 15 mA, VCE = 8 V, ZS = ZL = 50 ,
f = 900 MHz
f = 1.8 GHz
|S21e|2
-
-
15
9.5
-
-
1Gms = |S21 / S12|
2Gma = |S21 / S12| (k-(k2-1)1/2)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com