Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3430 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  Display Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 35Page - Texas Instruments DLPC3430 Datasheet HTML 36Page - Texas Instruments DLPC3430 Datasheet HTML 37Page - Texas Instruments DLPC3430 Datasheet HTML 38Page - Texas Instruments DLPC3430 Datasheet HTML 39Page - Texas Instruments DLPC3430 Datasheet HTML 40Page - Texas Instruments DLPC3430 Datasheet HTML 41Page - Texas Instruments DLPC3430 Datasheet HTML 42Page - Texas Instruments DLPC3430 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Current (mA)
0
100
200
300
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
39
DLPC3430, DLPC3435
www.ti.com
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
Product Folder Links: DLPC3430 DLPC3435
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
A Pico projector is created by using a DLP chipset comprised of DLP2010 (.2 WVGA) DMD, DLPC343x
controller and DLPA2000 PMIC/LED driver. The DLPC343x does the digital image processing, the DLPA2000
provides the needed analog functions for the projector, and DMD is the display device for producing the
projected image.
In addition to the three DLP chips in the chipset, other chips may be needed. At a minimum a flash part is
needed to store the software and firmware to control the DLPC343x.
The illumination light that is applied to the DMD is typically from red, green, and blue LEDs. These are often
contained in three separate packages, but sometimes more than one color of LED die may be in the same
package to reduce the overall size of the pico-projector.
For connecting the DLPC343x to the host processing for receiving images, parallel interface is used. I2C should
be connected to the host processor for sending commands to the DLPC3430.
The only power supplies needed external to the projector are the battery (SYSPWR) and a regulated 1.8-V
supply.
The entire pico-projector can be turned on and off by using a single signal called PROJ_ON. When PROJ_ON is
high, the projector turns on and begins displaying images. When PROJ_ON is set low, the projector turns off and
draws just microamps of current on SYSPWR. When PROJ_ON is set low, the 1.8V supply can continue to be
left at 1.8 V and used by other non-projector sections of the product. If PROJ_ON is low, the DLPA2000 will not
draw current on the 1.8-V supply.
9.2.2 Detailed Design Procedure
For connecting together the DLP2010 (.2 WVGA) DMD, DLPC343x controller and DLPA2000 PMIC/LED Driver
see the reference design schematic. When a circuit board layout is created from this schematic a very small
circuit board is possible. An example small board layout is included in the reference design data base. Follow the
layout guidelines to achieve a reliable projector.
The optical engine that has the LED packages and the DMD mounted to it is typically supplied by an optical
OEM who specializes in designing optics for DLP projectors.
9.2.3 Application Curve
As the LED currents that are driven time-sequentially through the red, green, and blue LEDs are increased, the
brightness of the projector increases. This increase is somewhat non-linear, and the curve for typical white
screen lumens changes with LED currents is shown in Figure 21. For the LED currents shown, it is assumed that
the same current amplitude is applied to the red, green, and blue LEDs.
SPACE
Figure 21. Luminance vs Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com