Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2483 Datasheet(PDF) 13 Page - Microchip Technology

Part # RN2483
Description  RN2483 LoRa??Technology PICtail??PICtail Plus Daughter Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 9Page - Microchip Technology RN2483 Datasheet HTML 10Page - Microchip Technology RN2483 Datasheet HTML 11Page - Microchip Technology RN2483 Datasheet HTML 12Page - Microchip Technology RN2483 Datasheet HTML 13Page - Microchip Technology RN2483 Datasheet HTML 14Page - Microchip Technology RN2483 Datasheet HTML 15Page - Microchip Technology RN2483 Datasheet HTML 16Page - Microchip Technology RN2483 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Overview
 2015 Microchip Technology Inc.
Advance Information
DS50002366A-page 13
1.3
CONTENTS
The package kit contents contain the following tools as listed in Table 1-1.
1.4
BOARD CONFIGURATION
Prior plugging the module into the motherboard's socket, ensure that one of the current
measure jumpers, CUR1 or CUR2, are shunted.
PICtail Daughter Board can be powered from two sources, either from one of the
PICtail headers or from USB. Both power sources can be active at the same time.
RF antennas must be connected to the SMA connectors prior attaching power to the
board.
Ensure that the applied power supply voltage does not exceed the board limits.
Figure 1-2, Figure 1-3, and Figure 1-4 show the connection to various development
boards.
FIGURE 1-2:
RN2483 LORA™ TECHNOLOGY PICtail™/PICtail PLUS
DAUGHTER BOARD CONNECTED TO EXPLORER 16
DEVELOPMENT BOARD
TABLE 1-1:
RN2483 LORA™ TECHNOLOGY PICtail™/PICtail PLUS
DAUGHTER BOARD
Description
Part Number
RN2483 LoRa™ Technology PICtail™/PICtail Plus
Daughter Board
RN-2483-PICtail
USB Cable
—
433 MHz antenna
—
868 MHz antenna
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com