Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMARTRF06 Datasheet(PDF) 21 Page - Texas Instruments

Part # SMARTRF06
Description  SmartRF06 Evaluation Board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMARTRF06 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SMARTRF06 Datasheet HTML 17Page - Texas Instruments SMARTRF06 Datasheet HTML 18Page - Texas Instruments SMARTRF06 Datasheet HTML 19Page - Texas Instruments SMARTRF06 Datasheet HTML 20Page - Texas Instruments SMARTRF06 Datasheet HTML 21Page - Texas Instruments SMARTRF06 Datasheet HTML 22Page - Texas Instruments SMARTRF06 Datasheet HTML 23Page - Texas Instruments SMARTRF06 Datasheet HTML 24Page - Texas Instruments SMARTRF06 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
User’s Guide
SWRU321A
– May 2013
Page 21/32
6.9 LEDs
6.9.1 General Purpose LEDs
The four LEDs D601, D602, D603, D604 can be controlled from the mounted EM and are suitable
for demo use and debugging. The LEDs are active high. Table 11 shows an overview of I/O
signals related to the LEDs.
Signal name
Description
Probe header
EM pin
LV_LED_1
LED 1 (red)
RF2.11 (P407.10)
RF2.11
LV_LED_2
LED 2 (yellow)
RF2.13 (P411.2)
RF2.13
LV_LED_3
LED 3 (green)
RF1.2 (P406.1)
RF1.2
LV_LED_4
LED 4 (red-orange)
RF1.4 (P406.2)
RF1.4
Table 11
– General purpose LED signal connections
6.9.2 XDS100v3 Emulator LEDs
The XDS100v3 emulator has two LEDs to indicate its status, D2 and D4. The LEDs are located
on the top side of the SmartRF06EB. LED D2 is lit whenever the XDS100v3 Emulator is powered,
while LED D4 (ADVANCED MODE) is lit when the XDS100v3 is in an active cJTAG debug state.
6.10 EM Connectors
The EM connectors, shown in Figure 15, are used for connecting an EM board to the
SmartRF06EB. The connectors RF1 and RF2 are the main interface and are designed to inhibit
incorrect mounting of the EM board. The pin-out of the EM connectors is given in Table 12 and
Table 13.
Figure 15
– SmartRF06EB EM connectors RF1 and RF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com