Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515 Datasheet(PDF) 39 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 39 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 33Page - Analog Devices SSM3515 Datasheet HTML 34Page - Analog Devices SSM3515 Datasheet HTML 35Page - Analog Devices SSM3515 Datasheet HTML 36Page - Analog Devices SSM3515 Datasheet HTML 37Page - Analog Devices SSM3515 Datasheet HTML 38Page - Analog Devices SSM3515 Datasheet HTML 39Page - Analog Devices SSM3515 Datasheet HTML 40Page - Analog Devices SSM3515 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Data Sheet
SSM3515
Rev. 0| Page 39 of 41
Bits
Bit Name
Settings
Description
Reset
Access
[4:3]
MAX_AR
Maximum Fault Recovery Attempts. The maximum autorecovery register
determines how many attempts at autorecovery are performed.
0x3
R/W
00
1 Autorecovery Attempt.
01
3 Autorecovery Attempts.
10
7 Autorecovery Attempts.
11
Unlimited Autorecovery Attempts.
2
ARCV_UV
Undervoltage Automatic Fault Recovery Control.
0x0
R/W
0
Automatic Fault Recovery for Undervoltage Fault.
1
Manual Fault Recovery for Undervoltage Fault.
1
ARCV_OT
Overtemperature Automatic Fault Recovery Control.
0x0
R/W
0
Automatic Fault Recovery for Overtemperature Fault.
1
Manual Fault Recovery for Overtemperature Fault.
0
ARCV_OC
Overcurrent Automatic Fault Recovery Control.
0x0
R/W
0
Automatic Fault Recovery for Overcurrent Fault.
1
Manual Fault Recovery for Overcurrent Fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com