Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F4DISCOVERY Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # STM32F4DISCOVERY
Description  Discovery kit for STM32F407/417 lines
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM32F4DISCOVERY Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STM32F4DISCOVERY Datasheet HTML 9Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 10Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 11Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 12Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 13Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 14Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 15Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 16Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID022256 Rev 4
13/42
UM1472
Hardware and layout
41
4.2
Embedded ST-LINK/V2
The ST-LINK/V2 programming and debugging tool is integrated on the
STM32F4DISCOVERY. The embedded ST-LINK/V2 can be used in 2 different ways
according to the jumper states (see Table 2):
•
Program/debug the MCU on board,
•
Program/debug an MCU in an external application board using a cable connected to
SWD connector CN2.
The embedded ST-LINK/V2 supports only SWD for STM32 devices. For information about
debugging and programming features refer to user manual UM1075 (ST-LINK/V2 in-circuit
debugger/programmer for STM8 and STM32) which describes in detail all the ST-LINK/V2
features.
Figure 7. Typical configuration
Table 2. Jumper states
Jumper state
Description
Both CN3 jumpers ON
ST-LINK/V2 functions enabled for on board programming (default)
Both CN3 jumpers OFF
ST-LINK/V2 functions enabled for application through external CN2
connector (SWD supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com