Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW019032 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # USB-KW019032
Description  USB-KW019032 Freescale USB Dongle Development Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW019032 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button USB-KW019032 Datasheet HTML 17Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 18Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 19Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 20Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 21Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 22Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 23Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 24Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
USB-KW019032 Freescale USB Dongle Development Board , User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc.
21
USB-KW019032 development board
42
29
TP8, TP17,
TP21, TP23,
TP30, TP32,
TP35, TP36,
TP37, TP42,
TP43, TP47,
TP49, TP51,
TP52, TP53,
TP102, TP105,
TP107, TP108,
TP113, TP114,
TP116, TP117,
TP508, TP509,
TP510, TP511,
TP512
TPAD_030
TEST POINT PAD
30MIL DIA SMT, NO
PART TO ORDER
NOTACOMPONENT
NOTACOMPONENT
43
1
TP507 DNP
TESTLOOP_BLA
CK
TEST POINT PC
MULTI PURPOSE BLK
TH
KEYSTONE
ELECTRONICS
5011
44
3
TVS1, TVS2,
TVS3 DNP
0402ESDA-MLP
DIODE TVS BIDIR —
30V 0402
COOPER
BUSSMANN
0402ESDA-MLP1
45
1
U1
MKW01Z128
IC MCU ARM 48MHZ
128KB FLASH 16KB
RAM 1.8-3.6V LGA60
FREESCALE
SEMICONDUCTOR
MKW01Z128CHN
46
2
U4, U6
74LVC2G126GM
IC BUF DUAL TS
1.2-3.6V XQFN8
NXP
74LVC2G126GM
47
1
U5
K22FN512VMP12
_BGA_64P
IC MCU ARM 120MHZ
512KB FLASH 16KB
RAM 1.71-3.6V BGA64
FREESCALE
SEMICONDUCTOR
MK22FN512VMP12
48
1
Y1
32 MHz
XTAL 32MHZ 9PF —
SMT 3.2X2.5MM
NDK
EXS00A-CS02368
49
1
Y2
8.00 MHz
XTAL 8.00MHZ RSN
CERAMIC -- SMT
MURATA
CSTCE8M00G55-R0
Table 3. Bill of materials (USB-KW01 900 MHz / 800 MHz frequency bands)
Item
Qty
Reference
Value
Description
Mfg. name
Mfg. part number
1
1
ANT1
7488910092
ANTENNA CER CHIP DUAL
BAND 868-960MHZ
WURTH
7488910092
2
1
C15
2.0 pF
CAP CER 2PF 50V 0.25PF
C0G 0402
MURATA
GRM1555C1H2R0CA01B
3
2
C17, C20
3.3 pF
CAP CER 3.3PF 25V 0.1PF
— 0402
AVX
04023J3R3BBSTR
4
1
C4
5.6 pF
CAP CER 5.6PF 50V
±0.25PF C0G CC0402
MURATA
GJM1555C1H5R6CB01D
Table 2. Bill of materials (parts common for all frequency bands) (Sheet 4 of 4)
Item
Qty
Reference
Value
Description
Mfg. name
Mfg. part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com