Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKSWD Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSWD
Description  TACT Switch Compact Water proof Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSWD Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKSWD Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TACT Switch™ Compact Water proof Type
SKSWD Series
●Specifications provided in this catalog are an outline only. Please
obtain formal delivery specifications before use. ●Colors of
products shown in this catalog may differ slightly from those of the
actual products. ●Product names, company names and names of
standards appearing in this catalog are generally trademarks or
registered trademarks of their respective owners. ●Please contact
us if you have any inquiries about the products and their use. ●This
catalog is valid until December 31, 2015.
●For the export of products which are controlled items subject to foreign and domestic export laws and regulations, you must obtain approval and/or follow the
formalities of such laws and regulations. ●Products must not be used for military and/or antisocial purposes such as terrorism, and shall not be supplied to any party
intending to use the products for such purposes. ●Unless provided for otherwise, the products have been designed and manufactured for application in equipment
and devices which are sold to end users in the market, including audio-visual (AV) equipment, electrical home appliances, office machines, information and
communication equipment, and amusement equipment. The products are not intended for use in, and must not be used for, any application for nuclear equipment,
driving equipment for aerospace or any other unauthorized use. With the exception of the abovementioned prohibited applications, please contact an Alps sales
representative and/or evaluate the total system regarding applicability for applications involving high levels of safety and liability such as medical equipment, burglar
alarm equipment, disaster prevention equipment and undersea equipment. Please also incorporate fail-safe design, protection and redundant circuitry, malfunction
protection, and/or fire protection into the complete system to ensure safety and reliability of the total system. ●Before using products which were not specifically
designed for use in automotive applications, please contact an Alps sales representative.
Precautions when handling our products
Cautions for using this catalog
Inquiries about this product
■
Product Information Center +81 (3) 5499-8154
■
Product Information URL http://www.alps.com/products/e/
Typical Specifications
Dimensions
Features
Applications
● Industrys smallest and thinnest
● IP68 dust and water resistance
● Projection structure facilitates handling during installation
● Wearable computers and healthcare devices
● Smartphones
● Other compact devices requiring water resistance
※According to Alps Electric research as of September 2015
Unit : mm
Operating fore
Travel
3.0 × 2.0 × 0.6 mm
2.4N
0.13mm
Operating Life
Rating (max.)
300,000 cycles
50mA 12VDC
Contact resistance
Protective structure
500 mΩ max.
IP68
Dimensions(W×D×H)
3
3.5
1
2
1
2
2.7
3.8
CIRCUIT DIAGRAM
PRINTED WIRING BOARD
MOUNTING PATTERN DIMENSION
(WHEN VIEWED FROM THE SWITCH MOUNTING FACE)
Compact, low-profile TACT Switch™ achieving high dust and water resistance
※


Similar Part No. - SKSWD

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSW ALPS-SKSW Datasheet
774Kb / 3P
Compact type with height of 0.6mm contributing to thinner product designs
SKSW ALPS-SKSW Datasheet
354Kb / 3P
1.6mm width contributes to thinner devices
SKSWCEE010 ALPS-SKSWCEE010 Datasheet
774Kb / 3P
Compact type with height of 0.6mm contributing to thinner product designs
SKSWCFE010 ALPS-SKSWCFE010 Datasheet
774Kb / 3P
Compact type with height of 0.6mm contributing to thinner product designs
SKSWCGE010 ALPS-SKSWCGE010 Datasheet
774Kb / 3P
Compact type with height of 0.6mm contributing to thinner product designs
More results

Similar Description - SKSWD

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
Water-proof Type
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
Water-proof Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com