Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM921 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TSM921
Description  Ultra-Low-Power, Single/Dual-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM921 Datasheet(HTML) 2 Page - Silicon Laboratories

  TSM921 Datasheet HTML 1Page - Silicon Laboratories TSM921 Datasheet HTML 2Page - Silicon Laboratories TSM921 Datasheet HTML 3Page - Silicon Laboratories TSM921 Datasheet HTML 4Page - Silicon Laboratories TSM921 Datasheet HTML 5Page - Silicon Laboratories TSM921 Datasheet HTML 6Page - Silicon Laboratories TSM921 Datasheet HTML 7Page - Silicon Laboratories TSM921 Datasheet HTML 8Page - Silicon Laboratories TSM921 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TSM921-TSM924
Page 2
TSM921/24 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V-, V+ to GND, GND to V-)......-0.3V, +12V
Voltage Inputs
(IN+, IN-)..............................................(V+ + 0.3V) to (V- - 0.3V)
HYST…………………………………….(REF + 5V) to (V- - 0.3V)
Output Voltage
REF..................................................... (V+ + 0.3V) to (V- - 0.3V)
OUT (TSM921/24)...........................(V+ + 0.3V) to (GND - 0.3V)
OUT (TSM922/23)...............................(V+ + 0.3V) to (V- - 0.3V)
Input Current (IN+, IN-, HYST)..............................................20mA
Output Current
Continuous Power Dissipation (TA = +70°C)
8-Pin MSOP (derate 4.1mW/°C above +70°C) .................330mW
8-Pin SOIC (derate 5.88mW/°C above +70°C)..................471mW
16-Pin SOIC (8.7mW/°C above +70°C) ............................696mW
Operating Temperature Range
TSM92xC..................................................................0°C to +70°C
TSM92xE...............................................................-40°C to +85°C
Storage Temperature Range .................................-65°C to +150°C
Lead Temperature (soldering, 10s) ......................................+300°C
REF…………………………………………………………….20mA
OUT………………………………………………………...….50mA
Output Short-Circuit Duration (V+
≤ 5.5V) ................Continuous
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the
operational sections of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may
affect device reliability and lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TSM921CUA+
TADK
Tube
50
TSM921CSA+
TS921
Tube
97
TSM921CSA+T
Tape
& Reel
2500
TSM921CUA+T
Tape
& Reel
2500
TSM921ESA+
TS921E
Tube
97
TSM921ESA+T
Tape
& Reel
2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com