Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CINT1200 Datasheet(PDF) 2 Page - SL Power Electronics

Part # CINT1200
Description  200W Single Output Industrial Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1200 Datasheet(HTML) 2 Page - SL Power Electronics

  CINT1200 Datasheet HTML 1Page - SL Power Electronics CINT1200 Datasheet HTML 2Page - SL Power Electronics CINT1200 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CINT1200
200W Single Output
Industrial Series
www.slpower.com
CINT1200 REV 1.4 12-JUNE-13
2
Specifications (continued)
Inrush Current
264Vac, cold start: will not exceed 55A
Overtemperature
Protection
Sensing transformer temperature, 165°C at
full load, latching type, requires input power
recycling to reset.
Input Fuses
F1, F2: 3.15A, 250Vac fuses provided on all
models
Overload Protection
120 to 150% of rating, Hiccup Mode
Earth Leakage
Current
<500µA@264Vac, 60Hz, NC; <1mA SFC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
88% typical
Overvoltage
Protection
OVP latch, see models chart for trip range.
Output Power
200W continuous, with 100 lfm airflow, 180W
convection cooled – See chart for specific
voltage model ratings.
Switching Frequency
PFC: Fixed, 65kHz
Main Converter: Variable 35-200kHz, 65-
70kHz at full load.
Transient
Response
500µS typical, return to 0.5% of nominal, 50%
load step. ∆i/∆t: <0.2A/µS. Max Voltage
Deviation = 3%
Isolation
Input-Output:
4000Vac
Input-Ground:
1800Vac
Output-Ground: 1500Vac
Ripple and Noise
0.5%rms, 1% pk-pk, see chart.
Operating
Temperature
-10°C to +70°C
Start Up at -40°C, full load
Output Voltage
See chart
Temperature
Derating
Derate output power linearly above 50°C to
50% at 70°C
Voltage
Adjustability
Fixed Output
Storage Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: -500 to 10,000 ft.
Non-operating: -500 to 40,000 ft.
Total Regulation
+/- 3% combined line, load and initial setting.
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g²/Hz, 1.5grms overall, 3
axes, 10 min/axis
Non-Operating: 0.026g²/Hz, 5.0grms overall,
3 axes, 1 hr/axis
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes, 6
shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3
axes, 6 shocks total
Dimensions
W: 3.0” x L: 5.0” x H: 1.3”
Safety Standards
EN/CSA/UL/IEC 60950-1, 2nd Edition
Weight
325g
MTBF
401,000 hours, 25°C, 110Vac
Output vs. Temperature Derating Curve
180W convection cooled and 200W continuous with 100 LFM airflow, derate output power to 50% at 70°C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com