Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1128 Datasheet(PDF) 62 Page - Microchip Technology

Part # CAP1128
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1128 Datasheet(HTML) 62 Page - Microchip Technology

Back Button CAP1128 Datasheet HTML 58Page - Microchip Technology CAP1128 Datasheet HTML 59Page - Microchip Technology CAP1128 Datasheet HTML 60Page - Microchip Technology CAP1128 Datasheet HTML 61Page - Microchip Technology CAP1128 Datasheet HTML 62Page - Microchip Technology CAP1128 Datasheet HTML 63Page - Microchip Technology CAP1128 Datasheet HTML 64Page - Microchip Technology CAP1128 Datasheet HTML 65Page - Microchip Technology CAP1128 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
CAP1128
DS00001622B-page 62
 2015 Microchip Technology Inc.
FIGURE 6-7:
Direct Behavior for Non-Inverted Polarity
FIGURE 6-8:
Direct Behavior for Inverted Polarity
TABLE 6-65:
OFF DELAY DECODE
OFF Delay[3:0] Bit Decode
OFF Delay (tOFF_DLY)
32
1
0
00
0
0
0
0
0
0
1
250ms
0
0
1
0
500ms
0
0
1
1
750ms
01
0
0
1s
0
1
0
1
1.25s
0
1
1
0
1.5s
01
1
1
2s
1
0
0
0
2.5s
1
0
0
1
3.0s
1
0
1
0
3.5s
1
0
1
1
4.0s
1
1
0
0
4.5s
All others
5.0s
Norm al –
untouched
operation
RISE_RATE
Setting (tRISE)
(100% - M ax D uty
C ycle) * B rightness
Touch
Detected
R elease
Detected
O ff D elay
(tOFF_DLY)
FA LL_R A T E
S etting (tFALL)
N orm al –
untouched
operation
(100% - M in D uty C ycle) *
Brightness
LE D
B rightness
Norm al –
untouched
operation
RISE _RATE
Setting (tRISE)
M in D uty C ycle * Brightness
Touch
Detected
R elease
Detected
O ff D elay
(tOFF_DLY)
FA LL_RA TE
S etting (tFALL)
Norm al –
untouched
operation
M ax D uty C ycle * Brightness
LED
Brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com