Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB65S28C Datasheet(PDF) 2 Page - SL Power Electronics

Part # MB65S28C
Description  65W Single Output Medical Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB65S28C Datasheet(HTML) 2 Page - SL Power Electronics

  MB65S28C Datasheet HTML 1Page - SL Power Electronics MB65S28C Datasheet HTML 2Page - SL Power Electronics MB65S28C Datasheet HTML 3Page - SL Power Electronics MB65S28C Datasheet HTML 4Page - SL Power Electronics MB65S28C Datasheet HTML 5Page - SL Power Electronics MB65S28C Datasheet HTML 6Page - SL Power Electronics MB65S28C Datasheet HTML 7Page - SL Power Electronics MB65S28C Datasheet HTML 8Page - SL Power Electronics MB65S28C Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MB65S
65W Single Output
Medical Series
www.slpower.com
MB65S Aug -14
2
General Specifications
AC Input
85-264Vac, single phase.
(Safety Approved to 90-264Vac).
Turn On Time
<2 Seconds at 110Vac.
Input Current
1.5A at 110Vac, 1A at 240Vac
Rise Time
<30mS, 48V model: < 40mS
Inrush Current
40Arms Maximum within a half line cycle, cold
start at 25C. See application note.
Hold-up Time
20mS min. from loss of AC input at 110 Vac, full load,
25°C.
I²T Characteristic
See Table below.
Over Load
Protection (OCP)
115% - 200% of rated output current value. Hiccup
Mode, Auto-recovery
Turn-On Input
Voltage
>75Vac ± 8Vac. Full spec performance at 85Vac.
Short Circuit
Protection (SCP)
Short across the output terminals will not cause
damage to the unit. Hiccup Mode , Auto-recovery
Turn-Off Input
Voltage
<63Vac ± 8Vac
Over Voltage
Protection (OVP)
Latches off when output voltage is with range as
shown in table. Requires AC Power cycle to reset
Input Fuses
3.15A, 250Vac, line and neutral inputs
Over Temperature
Protection (OTP)
Power shuts down at temperature of 70
℃ (typical)
at full load. Hiccup Mode , Auto-recovery
Earth Leakage
Current
<350 µA@264Vac, 60Hz input, NC
Output Reverse
Voltage Protection
Outputs protected against momentary reverse
current less than 20A peak for less than 10mS with
0.5A average. Sustained reverse current at high
levels may damage unit.
Patient Leakage
Current (Output to
Earth)
<4 mA@264Vac, 60Hz input, NC for BF rating
Isolation
Input-Output:
4500Vac, 2 x MOPP
Input-Ground:
1900Vac, 1 x MOPP
Output-Ground: 1900Vac, 1 x MOPP
Touch
Current
<90 µA@264Vac, 60 Hz input, NC, also suitable for
BF rating
<450 µA@264Vac, 60Hz input, SFC, also suitable
for BF rating
Turn-On &
Operating
Temperature
-20°C to +70°C.
Turn on Temperature = -40°C at >=120Vac, allowing
[x] seconds for stabilization.
De-rated output power at 70°C = 45.5W
No Load Input Power
<0.5W
Storage
Temperature
-40°C to +85°C
Efficiency
88% - 90% typical at 115/230Vac, 25°C. See chart
for additional details
Altitude
Operating:
-500m to 3000m
Non-operating: -500 to 40,000 feet
Output Power
65W continuous convection cooled, -20C to 50°C
ambient. 85Vac to 264Vac. See chart for de-
rating above 50°C.
Relative Humidity
5% to 95%, non-condensing
Transient Response
500
µS typ. response time for return to within
0.5% of final value for a 50% load change,
∆i/∆t<
0.2A/
µs. Max. volt. deviation is ±3.5%.
Shock
(IEC 60068-2-27)
Operating:
Half-sine shock waveform. Impact
Acceleration: 20g, Pulse duration: 11mS.
Cycles: 3 times per axis in X,Y, Z direction
Non-Operating: Half-sine shock waveform. Impact
Acceleration: 100g, Pulse duration: 6mS
Cycles: 3 times per direction on 3 axes (X,Y. Z)
Ripple and Noise
0.5% pk-pk
Vibration
(IEC 60068-2-6)
(IEC 60068-2-64)
Operating: Sinusoidal Frequency: 10-500Hz,
Impact Acceleration: 1g, Sweep rate: 1 octave/min
Cycles: 10 times per axis in X, Y, Z direction
Random Vibration:
Operating: 0.003g
2/Hz, 1.224grms overall, 3 axes,
10 min per axis, 1-500Hz.
Non-Operating: 0.02g
2/Hz, 3.1grms overall, 3 axes,
1 hour per axis, 20-500 Hz
Output Voltage
12V to 48Vdc. See models chart for part
numbering.
MTBF
564,500 hours (ave) @ 110Vac, 25°C, SR332 Issue 6.
Consult Factory
@ 220Vac, 25°C, SR332 Issue 6.
Voltage Adjustability
+/- 10%, 48V is +/- 5%
E-Cap Life
>10 Years in use condition of 40°C ambient, at
12h/day, 261 days/year. Additional information on
other use profiles available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com