Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1208 Datasheet(PDF) 21 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 21 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 17Page - Microchip Technology CAP1208 Datasheet HTML 18Page - Microchip Technology CAP1208 Datasheet HTML 19Page - Microchip Technology CAP1208 Datasheet HTML 20Page - Microchip Technology CAP1208 Datasheet HTML 21Page - Microchip Technology CAP1208 Datasheet HTML 22Page - Microchip Technology CAP1208 Datasheet HTML 23Page - Microchip Technology CAP1208 Datasheet HTML 24Page - Microchip Technology CAP1208 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 21
4.3.1
Capacitive Touch Sensing Settings
Controls for managing capacitive touch sensor inputs are determined by the power state.
4.3.1.1
Active State Sensing Settings
The Active state is used for normal operation. Sensor inputs being monitored are determined by the
Sensor Input Enable Register (see Section 5.7, "Sensor Input Enable Register"). Sensitivity is
controlled by the Sensitivity Control Register (see Section 5.5, "Sensitivity Control Register").
Averaging, sample time, and cycle time are controlled by the Averaging and Sampling Configuration
Register (see Section 5.10, "Averaging and Sampling Configuration Register"). Each channel can have
a separate touch detection threshold, as defined in the Sensor Input Threshold registers (see Section
5.19, "Sensor Input Threshold Registers").
4.3.1.2
Standby State Sensing Settings
The Standby state is used for standby operation. In general, fewer sensor inputs are enabled, and they
are programmed to have more sensitivity. Sensor inputs being monitored are determined by the
Standby Channel Register (see Section 5.21, "Standby Channel Register"). Sensitivity is controlled by
the Standby Sensitivity Register (see Section 5.23, "Standby Sensitivity Register"). Averaging, sample
time, and cycle time are controlled by the Averaging and Sampling Configuration Register (see Section
5.22, "Standby Configuration Register"). There is one touch detection threshold, which applies to all
sensors enabled in Standby, as defined in the Standby Threshold Register (see Section 5.24, "Standby
Threshold Register").
4.3.2
Sensing Cycle
Except when in Deep Sleep, the device automatically initiates a sensing cycle and repeats the cycle
every time it finishes. The cycle polls through each enabled sensor input starting with CS1 and
extending through CS8. As each capacitive touch sensor input is polled, its measurement is compared
against a baseline “not touched” measurement. If the delta measurement is large enough to exceed
the applicable threshold, a touch is detected and an interrupt can be generated (see Section 4.8.2,
"Capacitive Sensor Input Interrupt Behavior").
The sensing cycle time is programmable (see Section 5.10, "Averaging and Sampling Configuration
Register" and Section 5.22, "Standby Configuration Register"). If all enabled inputs can be sampled in
less than the cycle time, the device is placed into a lower power state for the remainder of the sensing
cycle. If the number of active sensor inputs cannot be sampled within the specified cycle time, the
cycle time is extended and the device is not placed in a lower power state.
4.4
Sensor Input Calibration
Calibration sets the Base Count Registers (Section 5.25, "Sensor Input Base Count Registers") which
contain the “not touched” values used for touch detection comparisons. Calibration automatically
occurs after a power-on reset (POR), when sample time is changed, and whenever a sensor input is
newly enabled (for example, when transitioning from a power state in which it was disabled to a power
state in which it is enabled). During calibration, the analog sensing circuits are tuned to the capacitance
of the untouched pad. Then, samples are taken from each sensor input so that a base count can be
established. After calibration, the untouched delta counts are zero.
APPLICATION NOTE: During the calibration routine, the sensor inputs will not detect a press for up to 200ms and
the Sensor Base Count Register values will be invalid. In addition, any press on the
corresponding sensor pads will invalidate the calibration.
The host controller can force a calibration for selected sensor inputs at any time using the Calibration
Activate and Status Register (Section 5.11, "Calibration Activate and Status Register"). When a bit is
set, the corresponding capacitive touch sensor input will be calibrated (both analog and digital). The
bit is automatically cleared once the calibration routine has successfully finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com