Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEC2410 Datasheet(PDF) 21 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 21 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 17Page - Microchip Technology SEC2410 Datasheet HTML 18Page - Microchip Technology SEC2410 Datasheet HTML 19Page - Microchip Technology SEC2410 Datasheet HTML 20Page - Microchip Technology SEC2410 Datasheet HTML 21Page - Microchip Technology SEC2410 Datasheet HTML 22Page - Microchip Technology SEC2410 Datasheet HTML 23Page - Microchip Technology SEC2410 Datasheet HTML 24Page - Microchip Technology SEC2410 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 21
SEC2410/SEC4410
54
59
SC_FCB/
GPIO29
O12
SmartCard Function Code
This pin is used in conjuction with SC_RST_N for type 2
synchronous cards to indicate the type of command to
be executed.
This pin is held low while SC_PSNT_N is low and card
power has not been applied, or while SmartCard block is
deactivated.
55
60
SC_IO/
GPIO31
VIO12
SmartCard Bidirectional Serial Data
The SmartCard bidirectional serial data pin should be
held low when the interface is not active.
56
61
SC_CLK/
GPIO28
VIO12
SmartCard Clock Output
This pin is the clock reference for communication with
the flash media card. This pin should be held low when
the interface is not active.
57
62
SC_SPU/
GPIO30
VIO12
SmartCard Standard or Proprietary Use
This pin is held low while SC_PSNT_N is low and card
power has not been applied, or while SmartCard block is
deactivated.
58
63
SC_RST_N/
GPIO27
VIO12
SmartCard Reset Output
A low pulse resets the card and triggers an ATR
response message. This pin should be held low when
the interface is not active.
59
64
VDD33
3.3 V Power
60
65
VAR_CRD_PWR/
GPIO10
I/O200
Variable Voltage Card Power: 1.8 V, 3.0 V, 3.3 V
(200 mA)
This pin should have a 1.0
μF Ceramic low ESR
Capacitor when configured for output.
-
66
OTP_ATEST
This is a test pin and should be left un-connected for
normal operation.
61
67
XTAL2
OCLKx
24 MHz Crystal
This is the other terminal of the crystal, or can be left
open when an external clock source is used to drive
XTAL1/CLKIN.
62
68
XTAL1/
CLKIN
ICLKx
24 MHz Crystal (External Clock Input)
This pin can be connected to one terminal of the crystal
or can be connected to an external 24 MHz clock when
a crystal is not used.
-
69
VDD12PLL_MON
This pin should be left unconnected - for testing only.
63
70
RBIAS
I-R
USB Transceiver Bias
A 12.0 k
Ω, ± 1.0% resistor is attached from VSS to this
pin in order to set the transceiver’s internal bias currents.
64
71
VDDA33
3.3 V Analog Power
TABLE 3-3:
SEC2410 PIN DESCRIPTIONS (CONTINUED)
Pin
Name
Buffer type
Description
64-QFN 72-QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com