Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2514I Datasheet(PDF) 33 Page - Microchip Technology

Part # USB2514I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2514I Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB2514I Datasheet HTML 29Page - Microchip Technology USB2514I Datasheet HTML 30Page - Microchip Technology USB2514I Datasheet HTML 31Page - Microchip Technology USB2514I Datasheet HTML 32Page - Microchip Technology USB2514I Datasheet HTML 33Page - Microchip Technology USB2514I Datasheet HTML 34Page - Microchip Technology USB2514I Datasheet HTML 35Page - Microchip Technology USB2514I Datasheet HTML 36Page - Microchip Technology USB2514I Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 33
USB251xB/xBi
5.2.4
IN-CIRCUIT EEPROM PROGRAMMING
The EEPROM can be programmed via automatic test equipment (ATE) by pulling RESET_N low (which tri-states the
hub’s EEPROM interface and allows an external source to program the EEPROM).
5.3
SMBus
The Microchip hub can be configured by an external processor via an SMBus interface (see Table 5-1 for details on
enabling the SMBus interface). The SMBus interface shares the same pins as the EEPROM interface, and therefore
the hub no longer supports the I2C EEPROM interface when the SMBus interface has been enabled. The hub waits
indefinitely for the SMBus code load to complete and only appears as a newly connected device on USB after the code
load is complete.
The hub’s SMBus acts as a slave-only SMBus device. The implementation only supports block write (Section 5.3.2.1)
and block read (Section 5.3.2.2) protocols, where the available registers are outlined in Section 5.1 on page 19. Refer-
ence the System Management Bus Specification [3] for additional information.
5.3.1
SMBUS SLAVE ADDRESS
The 7-bit slave address is 0101100b. The hub will not respond to the general call address of 0000000b.
5.3.2
PROTOCOL IMPLEMENTATION
Typical block write and block read protocols are shown in figures 5-2 and 5-3. Register accesses are performed using
7-bit slave addressing, an 8-bit register address field, and an 8-bit data field. The shading shown in the figures during a
read or write indicates the hub is driving data on the SMBDATA line; otherwise, host data is on the SDA/SMBDATA line.
The SMBus slave address assigned to the hub (0101100b) allows it to be identified on the SMBus. The register address
field is the internal address of the register to be accessed. The register data field is the data that the host is attempting
to write to the register or the contents of the register that the host is attempting to read.
Note:
The Hub does not have the capacity to write, or “Program,” an external EEPROM. The Hub only has the
capability to read external EEPROMs. The external EEPROM will be read (even if it is blank or non-popu-
lated), and the Hub will be “configured” with the values that are read.
Note:
Data bytes are transferred MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com