Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSO150N03 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSO150N03
Description  OptiMOS2 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO150N03 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSO150N03 Datasheet HTML 1Page - Infineon Technologies AG BSO150N03 Datasheet HTML 2Page - Infineon Technologies AG BSO150N03 Datasheet HTML 3Page - Infineon Technologies AG BSO150N03 Datasheet HTML 4Page - Infineon Technologies AG BSO150N03 Datasheet HTML 5Page - Infineon Technologies AG BSO150N03 Datasheet HTML 6Page - Infineon Technologies AG BSO150N03 Datasheet HTML 7Page - Infineon Technologies AG BSO150N03 Datasheet HTML 8Page - Infineon Technologies AG BSO150N03 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BSO150N03
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
3.4 V
3.6 V
3.8 V
4 V
4.2 V
4.5 V
5 V
10 V
0
10
20
30
010
20
30
I D [A]
25 °C
125 °C
0
5
10
15
20
25
30
35
01
23
4
V GS [V]
0
10
20
30
40
50
010
20
30
I D [A]
2.6 V
2.8 V
3 V
3.1 V
3.2 V
3.3 V
4.5 V
10 V
0
4
8
12
16
20
01
23
V DS [V]
Rev. 1.11
page 5
2004-02-09



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com