Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3433 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3433
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC3433 Datasheet HTML 9Page - Texas Instruments DLPC3433 Datasheet HTML 10Page - Texas Instruments DLPC3433 Datasheet HTML 11Page - Texas Instruments DLPC3433 Datasheet HTML 12Page - Texas Instruments DLPC3433 Datasheet HTML 13Page - Texas Instruments DLPC3433 Datasheet HTML 14Page - Texas Instruments DLPC3433 Datasheet HTML 15Page - Texas Instruments DLPC3433 Datasheet HTML 16Page - Texas Instruments DLPC3433 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
DLPC3433, DLPC3438
www.ti.com
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
Pin Functions – Clock and PLL Support
PIN
I/O
DESCRIPTION
NAME
NUMBER
Reference clock crystal input. If an external oscillator is used in place of a crystal, then this pin
PLL_REFCLK_I
H1
I11
should be used as the oscillator input.
Reference clock crystal return. If an external oscillator is used in place of a crystal, then this pin
PLL_REFCLK_O
J1
O5
should be left unconnected (that is floating with no added capacitive load).
Pin Functions – Power and Ground(1)
PIN
DESCRIPTION
I/O
NAME
NUMBER
C5, D5, D7, D12, J4, J12, K3, L4, L12, M6,
VDD
PWR
Core power 1.1 V (main 1.1 V)
M9, D9, D13, F13, H13, L13, M10, D3, E3
VDDLP12
C3
PWR
Core power 1.1 V
Common to all package types
C4, D6, D8, D10, E4, E13, F4, G4, G12, H4,
H12, J3, J13, K4, K12, L3, M4, M5, M8, M12,
G13, C6, C8
VSS
GND
Core ground (eDRAM, I/O ground, thermal ground)
Only available on DLPC343x
F6, F7, F8, F9, F10, G6, G7, G8, G9, G10,
H6, H7, H8, H9, H10, J6, J7, J8, J9, J10, K6,
K7, K8, K9, K10
All 1.8-V I/O power:
(1.8-V power supply for all I/O other than the host or parallel
VCC18
C7, C9, D4, E12, F12, K13, M11
PWR
interface and the SPI flash interface. This includes RESETZ,
PARKZ LED_SEL, CMP, GPIO, IIC1, TSTPT, and JTAG pins)
Host or parallel interface I/O power: 1.8 to 3.3 V (Includes IIC0,
VCC_INTF
M3, M7, N3, N7
PWR
PDATA, video syncs, and HOST_IRQ pins)
Flash interface I/O power:1.8 to 3.3 V
VCC_FLSH
D11
PWR
(Dedicated SPI0 power pin)
VDD_PLLM
H2
PWR
MCG PLL 1.1-V power
VSS_PLLM
G3
RTN
MCG PLL return
VDD_PLLD
J2
PWR
DCG PLL 1.1-V power
VSS_PLLD
H3
RTN
DCG PLL return
(1)
The only power sequencing restrictions are:
(a) The VDDLP12 supply must be powered-on at exactly the same time or after the VDD11 supply.
(b) The VDD11 supply should ramp up with a 1-ms minimum rise time.
(c) The reverse is needed at power down.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com