Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP52 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSP52
Description  NPN Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP52 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSP52 Datasheet HTML 1Page - Infineon Technologies AG BSP52 Datasheet HTML 2Page - Infineon Technologies AG BSP52 Datasheet HTML 3Page - Infineon Technologies AG BSP52 Datasheet HTML 4Page - Infineon Technologies AG BSP52 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BSP50 ... BSP52
4
Nov-30-2001
External resistance RBE = f (TA)**
VCB = VCEmax
** RBEmax for thermal stability
EHP00660
BSP 50...52
10
050
˚C
R
A
150
5
100
BE
10
7
6
10
5
5
T
Ω
Total power dissipation Ptot = f(TS)
0
15
30
45
60
75
90
105 120 °C 150
TS
0
150
300
450
600
750
900
1050
1200
1350
mW
1650
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
EHP00943
BSP 50...52
-6
0
10
5
D =
5
10
1
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
10
-1 s
5
tot max
tot
P
DC
P
p
t
t p
=
D
T
t p
T
DC current gain hFE = f (IC)
VCE = 10V
EHP00661
BSP 50...52
10
10
mA
5
FE
5
10
2
5
10
3
5
10
4
1
10 2
10 3
10 4
Ι
C
h



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com