Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP75N Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP75N
Description  Smart Lowside Power Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP75N Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP75N Datasheet HTML 1Page - Infineon Technologies AG BSP75N Datasheet HTML 2Page - Infineon Technologies AG BSP75N Datasheet HTML 3Page - Infineon Technologies AG BSP75N Datasheet HTML 4Page - Infineon Technologies AG BSP75N Datasheet HTML 5Page - Infineon Technologies AG BSP75N Datasheet HTML 6Page - Infineon Technologies AG BSP75N Datasheet HTML 7Page - Infineon Technologies AG BSP75N Datasheet HTML 8Page - Infineon Technologies AG BSP75N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet V1.0
3
2003-01-10
HITFETâ BSP 75N
Circuit Description
The BSP 75N is a monolithic power switch in Smart Power Technology (SPT) with a
logic level input, an open drain DMOS output stage and integrated protection functions.
It is designed for all kind of resistive and inductive loads (relays, solenoid) in automotive
and industrial applications.
Protection Functions
• Over voltage protection: An internal clamp limits the output voltage at
V
DS(AZ) (min.
60V) when inductive loads are switched off.
• Current limitation: By means of an internal current measurement the drain current is
limited at
I
D(lim) (1.4 - 1.5 A typ.). If the current limitation is active the device operates
in the linear region, so power dissipation may exceed the capability of the heatsink.
This operation leads to an increasing junction temperature until the over temperature
threshold is reached.
• Over temperature and short circuit protection: This protection is based on sensing
the chip temperature. The location of the sensor ensures a fast and accurate junction
temperature detection. Over temperature shutdown occurs at minimum 150
°C. A
hysteresis of typ. 10 K enables an automatic restart by cooling.
The device is ESD protected according Human Body Model (4 kV) and load dump
protected (see Maximum Ratings).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com