Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP62 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP62
Description  PNP Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP62 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP62 Datasheet HTML 1Page - Infineon Technologies AG BSP62 Datasheet HTML 2Page - Infineon Technologies AG BSP62 Datasheet HTML 3Page - Infineon Technologies AG BSP62 Datasheet HTML 4Page - Infineon Technologies AG BSP62 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BSP60 ... BSP62
2
Nov-30-2001
Electrical Characteristics
at TA = 25°C, unless othertwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BSP60
BSP61
BSP62
V(BR)CEO
45
60
80
-
-
-
-
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IE = 0
BSP60
BSP61
BSP62
V(BR)CBO
60
80
90
-
-
-
-
-
-
Emitter-base breakdown voltage
IE = 100 µA, IC = 0
V(BR)EBO
5
-
-
Collector-emitter cutoff current
VCE = VCEOmax, VBE = 0
ICES
-
-
10
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
10
DC current gain 1)
IC = 150 mA, VCE = 10 V
IC = 500 mA, VCE = 10 V
hFE
1000
2000
-
-
-
-
-
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 0.55 mA
IC = 1 A, IB = 1 mA
VCEsat
-
-
-
-
1.3
1.8
V
Base-emitter saturation voltage 1)
IC = 500 mA, IB = 0.5 mA
IC = 1 A, IB = 1 mA
VBEsat
-
-
-
-
1.9
2.2
AC Characteristics
Transition frequency
IC = 100 mA, VCE = 5 V, f = 100 MHz
fT
-
200
-
MHz
Turn-on time
IC = 500 mA, IB1 = IB2 = 0.5mA
t(on)
-
400
-
ns
Turn-off time
IC = 500 mA, IB1 = IB2 = 0.5mA
t(off)
-
1500
-
1) Pulse test: t
≤ 300µs, D = 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com