Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO1ES Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO1ES
Description  SC cut quartz crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO1ES Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO1ES Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO1ES Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO1ES package8×4mm
T range up to 210°C
SC cut quartz crystal
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range R = -10 to +150°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 50
ppm
Frequency stability
Over temperature range S = -10 to +175°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 100
ppm
Frequency stability
Over temperature range T = -10 to +210°C
(see ordering info) Including
2)*
ΔF/F
≤ ± 150
ppm
Supply voltage ± 5%
1)*
Vdd
2.5 / 3.3 / 5
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time ≤ 30MHz
For F=32.768 kHz rise & fall time ≤ 150ns
(load 15pf 20% to 80%)
≤7
ns
Rise & fall time ≥ 30MHz for (load 15pf
10% to 90%)
≤3
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Downhole and Well drilling equipments
- Avionics
- Airbone equipments
- Geothermal equipments
- Fire fighter equipments
The MCSO1's are supplied on trays (91 pcs / tray)
For pick-and-place equipment, the parts are
available in 16mm tapes with 250 parts min
1000 parts max
SC cut quartz crystal
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
Ultra low stability
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
1
2
3
4
4 3
1 2
7,86
3,70
3,60
1,52
2,00
2,54
3,18
2,54
pin 1 E/D
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected between GND & Vdd
Operable over 2.3 to 5.5V
* 2) adjustment at +25°C, long term aging 1000h at Tmax ordered
over supply voltage ±5% and over load min to max
Frequency stability
included 1000h at Tmax


Similar Part No. - MCSO1ES

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1ES GOLLEDGE-MCSO1ES Datasheet
551Kb / 4P
Optional tinned pads
MCSO1ESH GOLLEDGE-MCSO1ESH Datasheet
548Kb / 4P
Optional tinned pads
MCSO1ESHV GOLLEDGE-MCSO1ESHV Datasheet
548Kb / 4P
Optional tinned pads
MCSO1ESHW GOLLEDGE-MCSO1ESHW Datasheet
548Kb / 4P
Optional tinned pads
MCSO1ESV GOLLEDGE-MCSO1ESV Datasheet
552Kb / 4P
Optional tinned pads
More results

Similar Description - MCSO1ES

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-1-03 STATEK-CX-1-03 Datasheet
75Kb / 2P
Miniature AT-Cut Quartz Crystal
logo
EUROQUARTZ limited
OC11E12S EUROQUARTZ-OC11E12S Datasheet
109Kb / 1P
SC-Cut Crystal - Sine Wave - 12.0 Volts
OC11T12S EUROQUARTZ-OC11T12S Datasheet
113Kb / 1P
SC-Cut Crystal - Square Wave - 12.0 Volts
OC22E12S EUROQUARTZ-OC22E12S Datasheet
94Kb / 1P
SC-Cut Crystal - Sine Wave - 12.0 Volts
OC22T5S EUROQUARTZ-OC22T5S Datasheet
100Kb / 1P
SC-Cut Crystal - Square Wave - 5.0 Volts
OC22T12S EUROQUARTZ-OC22T12S Datasheet
100Kb / 1P
SC-Cut Crystal - Square Wave - 12.0 Volts
OC30E5S EUROQUARTZ-OC30E5S Datasheet
99Kb / 1P
SC-Cut Crystal - Sine Wave - 5.0 Volts
OC30T5S EUROQUARTZ-OC30T5S Datasheet
105Kb / 1P
SC-Cut Crystal - Square Wave - 5.0 Volts
OC30T12S EUROQUARTZ-OC30T12S Datasheet
105Kb / 1P
SC-Cut Crystal - Square Wave - 12.0 Volts
CX-1-03-AT EUROQUARTZ-CX-1-03-AT Datasheet
93Kb / 1P
Miniature AT-Cut Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com