Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO2
Description  From 10 kHz up to 225 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO2 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO2 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO2 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO2 family package5×3.2mm
From 10 kHz up to 225 MHz
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range
(see orderding info)
Including: adjustment at 25°C
long term aging 10 years
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 100
ppm
Frequency stability version T
Over temperature range
(see ordering info)
Including: adjustment at +25°C
long term aging 1 year
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 50
ppm
Supply voltage ± 5%
1)*
Vdd
1.8 / 2.5 / 3.3 / 5
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time ≤ 20MHz
For F=32.768 kHz rise & fall time ≤ 150ns
(load 15pf 20% to 80%)
≤7
ns
Rise & fall time ≥ 20MHz
(load 15pf 10% to 90%)
≤3
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Avionics
- Airbone equipments
- Remote control
- Security application
- Radio Transceiver
- Microprocessor clocks
The MCSO2's are supplied on trays (128 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
1000 parts min
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
5.00
2.35
3.20
1.6
1.6
1
2
3
4
1.5
2.7
1.5
4
3
1
2
pin 1 E/D
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected between GND & Vdd


Similar Part No. - MCSO2

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2 GOLLEDGE-MCSO2 Datasheet
140Kb / 1P
CMOS Oscillator
MCSO2 GOLLEDGE-MCSO2 Datasheet
550Kb / 4P
Excellent shock & vibration resistance
MCSO2/CE GOLLEDGE-MCSO2/CE Datasheet
140Kb / 1P
CMOS Oscillator
logo
MICORO CRYSTAL SWITZERL...
MCSO2E MICROCRYSTAL-MCSO2E Datasheet
346Kb / 2P
This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
logo
Golledge Electronics Lt...
MCSO2E GOLLEDGE-MCSO2E Datasheet
140Kb / 1P
CMOS Oscillator
More results

Similar Description - MCSO2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A3010 MA-COM-A3010 Datasheet
1Mb / 2P
Cascadable Amplifier 10 kHz to 2500 MHz
logo
Micronetics, Inc.
SM4 MICRONETICS-SM4 Datasheet
87Kb / 2P
Noise Diodes 10 kHz to 100 MHz
ST2 MICRONETICS-ST2 Datasheet
90Kb / 2P
Legacy 10 kHz to 3000 MHz
ST2A MICRONETICS-ST2A Datasheet
90Kb / 2P
Noise Diodes 10 kHz to 3000 MHz
logo
Pasternack Enterprises,...
PE8722 PASTERNACK-PE8722 Datasheet
250Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 225 MHz With a 225 MHz Passband
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
From 10 kHz up to 155 MHz
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
From 10 kHz up to 225 MHz
OCXO MICROCRYSTAL-OCXO_16 Datasheet
323Kb / 3P
HC-MOS output from 10 kHz up to 54 MHz
logo
Pasternack Enterprises,...
PE2BL1000 PASTERNACK-PE2BL1000 Datasheet
303Kb / 5P
50 Ohm to 25 Ohm Balun From 225 MHz to 2 GHz Up to 100 Watts Surface Mount(SMT)
PE2CP1035 PASTERNACK-PE2CP1035 Datasheet
449Kb / 5P
90 Degree Drop-In Hybrid Coupler From 225 MHz to 450 MHz Rated To 400 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com