Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2E Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO2E
Description  This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO2E Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO2E Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO2E Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO2E familypackage5×3.2mm
T range up to 210°C
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range C = -55 to +125°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 100
ppm
Frequency stability
Over temperature range E = -55 to +150°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 150
ppm
Frequency stability
Over temperature range D = -55 to +175°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 300
ppm
Frequency stability
Over temperature range G = -55 to +210°C
(see ordering info) Including
2)*
ΔF/F
≤ ± 400
ppm
Supply voltage ± 5%
1)*
Vdd
2.5 / 3.3 / 5
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time ≤ 20MHz
For F=32.768 kHz rise & fall time ≤ 150ns
(load 15pf 20% to 80%)
≤7
ns
Rise & fall time ≥ 20MHz for
(load 15pf 10% to 90%)
≤3
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Downhole and Well drilling equipments
- Avionics
- Airbone equipments
- Geothermal equipments
- Fire fighter equipments
The MCSO2's are supplied on trays (128 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
1000 parts min
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
5.00
2.35
3.20
1.6
1.6
1
2
3
4
1.5
2.7
1.5
4
3
1
2
pin 1 E/D
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected between GND & Vdd
Operable over 2.3 to 5.5V
* 2) adjustment at +25°C, long term aging 1000h at Tmax ordered
over supply voltage ±5% and over load min to max
Frequency stability
included 1000h at Tmax


Similar Part No. - MCSO2E

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2E GOLLEDGE-MCSO2E Datasheet
140Kb / 1P
CMOS Oscillator
MCSO2E GOLLEDGE-MCSO2E Datasheet
556Kb / 4P
5.0V Low Frequency Oscillator for Extreme Environments
MCSO2E/DE GOLLEDGE-MCSO2E/DE Datasheet
140Kb / 1P
CMOS Oscillator
MCSO2EH GOLLEDGE-MCSO2EH Datasheet
140Kb / 1P
CMOS Oscillator
MCSO2EH GOLLEDGE-MCSO2EH Datasheet
549Kb / 4P
5.0V High Frequency Oscillator for Extreme Environments
More results

Similar Description - MCSO2E

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1SMAT EUROQUARTZ-CX1SMAT Datasheet
134Kb / 2P
Designed for infrared, vapour phase or epoxy mounting
CX7SM EUROQUARTZ-CX7SM Datasheet
115Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
CX9SM EUROQUARTZ-CX9SM Datasheet
117Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
CX11SMAT EUROQUARTZ-CX11SMAT Datasheet
118Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
CX14SMAT EUROQUARTZ-CX14SMAT Datasheet
124Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
logo
MICORO CRYSTAL SWITZERL...
VCXO2E MICROCRYSTAL-VCXO2E Datasheet
338Kb / 2P
This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
logo
Guangdong Youtai Semico...
IRLR3410TR UMW-IRLR3410TR Datasheet
468Kb / 7P
The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques.
IRFR024NTR UMW-IRFR024NTR Datasheet
537Kb / 7P
The D-PAK is designed for surface mounting using vapor phase, infrared,or wave soldering technigues.
IRFR120NTR UMW-IRFR120NTR Datasheet
536Kb / 7P
The D-PAK is designed for surface mounting using vapor phase,infraredor wave soldering techniques.
IRFR3910TR UMW-IRFR3910TR Datasheet
772Kb / 7P
The D-PAK is designed for surface mounting using vapor phase,infrared,or wave soldering techniques.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com