Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2251 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB2251
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2251 Datasheet(HTML) 4 Page - Microchip Technology

  USB2251 Datasheet HTML 1Page - Microchip Technology USB2251 Datasheet HTML 2Page - Microchip Technology USB2251 Datasheet HTML 3Page - Microchip Technology USB2251 Datasheet HTML 4Page - Microchip Technology USB2251 Datasheet HTML 5Page - Microchip Technology USB2251 Datasheet HTML 6Page - Microchip Technology USB2251 Datasheet HTML 7Page - Microchip Technology USB2251 Datasheet HTML 8Page - Microchip Technology USB2251 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 4
USB2250/50i/51/51i
1.0
INTRODUCTION
The Microchip USB2250/50i/51/51i is a flash media card reader solution fully compliant with the USB 2.0 specification.
All required resistors on the USB ports are integrated into the device. This includes all series termination resistors on
D+ and D– pins and all required pull-down and pull-up resistors. The over-current sense inputs for the downstream fac-
ing ports have internal pull-up resistors.
Hardware Features
• Single chip flash media controller
• USB2250/USB2251 supports the commercial temperature range of 0°C to +70°C
• USB2250i/USB2251i supports the industrial temperature range of -40°C to +85°C
• 8051 8-bit microprocessor
- 60 MHz - single cycle execution
- 64 KB ROM |14 KB RAM
• Integrated regulator for 1.8 V core operation
• Flash Media Card Specification Revision Compliance
• Compact Flash 4.1
- CF UDMA Modes 0-4
- CF PIO Modes 0-6
• Secure Digital 2.0
- HS-SD and HC-SD
- TransFlash™ and reduced form factor media
• MultiMediaCard 4.2
- 1/4/8 bit MMC
• Memory Stick 1.43
• Memory Stick Pro Format 1.02
• Memory Stick Pro-HG Duo Format 1.01
- Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
• Memory Stick Duo 1.10
• Smart Media 1.3
• xD-Picture Card 1.2
Software Features
• If the OEM is using an external EEPROM, the following features are available:
- Customizable vendor, product, and device ID’s
- 12-hex digits maximum for the serial number string
- 28-character manufacturer ID and product strings for the flash media reader/writer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com