Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO6 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO6
Description  From 10 kHz up to 155 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO6 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO6 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO6 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO6familypackage3.5×2.2mm
From 10 kHz up to 155 MHz
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range (see ordering info)
Including:adjustment at +25°C
long term aging 10 years
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 100
ppm
Frequency stability version T
Over temperature range (see ordering info)
Including:adjustment at +25°C
long term aging 1 year
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 50
ppm
Supply voltage ± 5%
1)*
Vdd
2.5 / 3.3 / 5
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time
For F=32.768 kHz rise & fall time ≤ 150ns
(load 15pf 20% to 80%)
≤7
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Avionics
- Airbone equipments
- Remote control
- Security application
- Radio Transceiver
- Microprocessor clocks
The MCSO6's are supplied on trays (208 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
1000 parts min
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
Package:
Bottom view
Recommended Solder Pad:
* 1) C = 47nF ceramic must be connected between GND & Vdd
1,3
0,8
1,3
1,3
1,1
4
3
2
1
1
2
3
4
3,5
1,1
pin 1 E/D
pin 2 GND
pin 3 Fout
pin 4 Vdd


Similar Part No. - MCSO6

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO6 GOLLEDGE-MCSO6 Datasheet
551Kb / 5P
Excellent shock & vibration resistance
logo
MICORO CRYSTAL SWITZERL...
MCSO6E MICROCRYSTAL-MCSO6E Datasheet
280Kb / 2P
Downhole and Well drilling equipments
logo
Golledge Electronics Lt...
MCSO6E GOLLEDGE-MCSO6E Datasheet
552Kb / 4P
5V Miniature CMOS Oscillator for Extreme Environments
MCSO6EV GOLLEDGE-MCSO6EV Datasheet
553Kb / 4P
3.3V Miniature CMOS Oscillator for Extreme Environments
MCSO6EW GOLLEDGE-MCSO6EW Datasheet
553Kb / 4P
2.5V Miniature CMOS Oscillator for Extreme Environments
More results

Similar Description - MCSO6

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
SM-1 MICRONETICS-SM-1 Datasheet
241Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 100 MHZ
logo
M/A-COM Technology Solu...
A3010 MA-COM-A3010 Datasheet
1Mb / 2P
Cascadable Amplifier 10 kHz to 2500 MHz
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
logo
Micronetics, Inc.
SM4 MICRONETICS-SM4 Datasheet
87Kb / 2P
Noise Diodes 10 kHz to 100 MHz
ST2 MICRONETICS-ST2 Datasheet
90Kb / 2P
Legacy 10 kHz to 3000 MHz
ST2A MICRONETICS-ST2A Datasheet
90Kb / 2P
Noise Diodes 10 kHz to 3000 MHz
logo
Pasternack Enterprises,...
PE71S6230 PASTERNACK-PE71S6230 Datasheet
425Kb / 5P
SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 20 dBm
logo
MICORO CRYSTAL SWITZERL...
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
From 10 kHz up to 225 MHz
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
From 10 kHz up to 225 MHz
OCXO MICROCRYSTAL-OCXO_16 Datasheet
323Kb / 3P
HC-MOS output from 10 kHz up to 54 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com