Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP129 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP129
Description  SIPMOS Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP129 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP129 Datasheet HTML 1Page - Infineon Technologies AG BSP129 Datasheet HTML 2Page - Infineon Technologies AG BSP129 Datasheet HTML 3Page - Infineon Technologies AG BSP129 Datasheet HTML 4Page - Infineon Technologies AG BSP129 Datasheet HTML 5Page - Infineon Technologies AG BSP129 Datasheet HTML 6Page - Infineon Technologies AG BSP129 Datasheet HTML 7Page - Infineon Technologies AG BSP129 Datasheet HTML 8Page - Infineon Technologies AG BSP129 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSP129
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
82
108
pF
Output capacitance
C oss
-12
16
Reverse transfer capacitance
Crss
-6
10
Turn-on delay time
t d(on)
-
4.4
6.6
ns
Rise time
t r
-
4.1
6.2
Turn-off delay time
t d(off)
-22
33
Fall time
t f
-35
53
Gate Charge Characteristics
Gate to source charge
Q gs
-
0.24
0.36
nC
Gate to drain charge
Q gd
-
1.7
2.6
Gate charge total
Q g
-
3.8
5.7
Gate plateau voltage
V plateau
-
0.37
-
V
Reverse Diode
Diode continous forward current
I S
-
-
0.35
A
Diode pulse current
I S,pulse
-
-
1.4
Diode forward voltage
V SD
V GS=-3 V, I F=0.35 A,
T j=25 °C
-
0.79
1.2
V
Reverse recovery time
t rr
-53
80
ns
Reverse recovery charge
Q rr
-65
97
nC
V R=120 V, I F=0.2 A,
di F/dt =100 A/µs
T A=25 °C
Values
V GS=-3 V, V DS=25 V,
f =1 MHz
V DD=120 V,
V GS=-2...5 V,
I D=0.2 A, R G=7.6 Ω
V DD=192 V, I D=0.2 A,
V GS=-3 to 5 V
Rev. 1.0
page 3
2003-03-28



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com